Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4504A Datasheet(PDF) 3 Page - Interpion semiconductor

Part # IP4504A
Description  5-CH MOTOR DRIVE IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4504A Datasheet(HTML) 3 Page - Interpion semiconductor

  IP4504A Datasheet HTML 1Page - Interpion semiconductor IP4504A Datasheet HTML 2Page - Interpion semiconductor IP4504A Datasheet HTML 3Page - Interpion semiconductor IP4504A Datasheet HTML 4Page - Interpion semiconductor IP4504A Datasheet HTML 5Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
January. 2004 (Rev. 0)
- 3 -
IP4504A
5-CH MOTOR DRIVE IC
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS (Continued)
(VCC1=8V, VCC2=5V, f = 1kHz, RL = 8ohm, Rs=0.5ohm, Ta = 25OC unless otherwise specified.)
CHARACTERISTICS
SYMBOL CONDITIONS
MIN
TYP
MAX
UNIT
[ TRAY DRIVE PART (CH1) ]
Input High Level Voltage
Vih
-
2.0
-
-
V
Input Low Level Voltage
Vil
-
-
-
0.5
V
Output voltage
Vo
Vcc1=8V, RL=45ohm,
Pin10=open
3.8
4.5
5.2
Vom
Vcc1=Vcc2=5V,
RL=45ohm, Pin10=open
2.1
2.6
3.1
CTL to output transfer gain
Gv
Vcc1=8V, RL=45ohm,
Pin10=3V ~ 4V
0.8
1.2
1.6
V/V
Output offset voltage 1
Voo1
Pin11=Pin12=5V
-100
+100
mV
Output offset voltage 2
Voo2
Pin11=Pin12=0V
-100
+100
mV
V
Maximum Output Current
Iomax
1
-
0.7
-
A
Note 1 : This is not tested in mass production



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com