Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4504A Datasheet(PDF) 2 Page - Interpion semiconductor

Part # IP4504A
Description  5-CH MOTOR DRIVE IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4504A Datasheet(HTML) 2 Page - Interpion semiconductor

  IP4504A Datasheet HTML 1Page - Interpion semiconductor IP4504A Datasheet HTML 2Page - Interpion semiconductor IP4504A Datasheet HTML 3Page - Interpion semiconductor IP4504A Datasheet HTML 4Page - Interpion semiconductor IP4504A Datasheet HTML 5Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
January. 2004 (Rev. 0)
- 2 -
IP4504A
5-CH MOTOR DRIVE IC
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent circuit current
Icc
No Load
-
17
27
mA
Iccm
No Load (Vcc1=Vcc2=5V)
-
12
22
Mute on current
Iamute
Pin23=GND
-
5
9
mA
Iamutem
Vcc1=Vcc2=5V
-
3.8
8
Mute on voltage
Vamon
Pin23=variation
-
-
0.5
V
Mute off voltage
Vamoff
Pin23=variation
2.0
-
-
V
Reference mute on voltage
Vrmon
Pin22=variation
-
-
0.7
V
Reference mute off voltage
Vrmoff
Pin22=variation
1.3
-
-
V
[ ACTUATOR PART (CH4,CH5) ]
Output offset current
Ioo
Pin1=Pin9=Pin22=Vref
-15
0
15
mA
Maximum output voltage 45
Vom45
Vcc2=5V, RL=8 ohm
3.2
3.8
-
V
Vom45m
Vcc1=Vcc2=5V,
RL=8 ohm
2.8
3.4
-
Transmission gain 45
Gm45
Vin=0.1Vrms, f=1kHz
-
1.4
-
A/V
[ SPINDLE,SLED PART (CH2,CH3) ]
Output offset voltage 23
Voo23
Vin=Vref
-100
-
+100
mV
Maximum output voltage 23
Vom23
Vcc1=8V,RL=12 ohm
5.2
6.0
-
Vom23m
Vcc1=Vcc2=5V
RL=12 ohm
3.0
3.6
-
Closed-loop voltage gain 23
Avf23
Vin=0.1Vrms, f=1kHz
16
18
20
dB
Slew rate 23
SR23
Vout = 4.0Vpp, Square
-
1.5
-
V/usec
Ripple rejection ratio 23
RR23
Vin=0.1Vrms, f=120Hz
50
60
-
dB
V
(VCC1=8V, VCC2=5V, f = 1kHz, RL = 8ohm, Rs=0.5ohm, Ta = 25OC unless otherwise specified.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com