Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4504A Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP4504A
Description  5-CH MOTOR DRIVE IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4504A Datasheet(HTML) 1 Page - Interpion semiconductor

  IP4504A Datasheet HTML 1Page - Interpion semiconductor IP4504A Datasheet HTML 2Page - Interpion semiconductor IP4504A Datasheet HTML 3Page - Interpion semiconductor IP4504A Datasheet HTML 4Page - Interpion semiconductor IP4504A Datasheet HTML 5Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January. 2004 (Rev. 0)
- 1 -
IP4504A
5-CH MOTOR DRIVE IC
www.interpionsemi.com
The IP4504A is a 5-CH motor driver for CD-P/VCDP/
DVDP systems. It is composed of 2-CH BTL driver, 2-
CH BTL driver with current feedback and 1-CH
forward/reverse controlled DC motor driver.
- 2-CH BTL driver
- 2-CH BTL driver with current feedback
- 1-CH forward/reverse controlled DC motor driver
- Built-in motor speed control circuit
- Built-in TSD (thermal shut down) circuit.
- Built-in mute circuit excluding CH1.
- Operating supply voltage (4.5V~13.2V).
DESCRIPTIONS
ORDER INFORMATION
FEATURES
Device
Package
Operating Temp
IP4504A
28SSOPH-375A
-35OC ~ +85OC
IP4504ATF
28SSOPH-375A
-35OC ~ +85OC
IP4504A
28SSOPH-375B
-35OC ~ +85OC
IP4504ATF
28SSOPH-375B
-35OC ~ +85OC


Similar Part No. - IP4504A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP45 BEL-IP45 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
More results

Similar Description - IP4504A

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP4001 INTERPION-IP4001 Datasheet
705Kb / 23P
5-CH MOTOR DRIVE IC
logo
List of Unclassifed Man...
AD6392 ETC1-AD6392 Datasheet
567Kb / 22P
4-CH MOTOR DRIVE IC
logo
Interpion semiconductor
IP4011 INTERPION-IP4011 Datasheet
709Kb / 23P
5-CH MOTOR DRIVE IC
IP9004 INTERPION-IP9004 Datasheet
173Kb / 12P
5-CH MOTOR DRIVE IC
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
5-CH MOTOR DRIVE IC
IP9008 INTERPION-IP9008 Datasheet
200Kb / 12P
5-CH MOTOR DRIVE IC 2-Reg controllers
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
5-CH Motor Drive IC
logo
Interpion semiconductor
IP5954A INTERPION-IP5954A Datasheet
175Kb / 10P
4-CH MOTOR DRIVE IC
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
1-ch Motor drive IC
AN41402A PANASONIC-AN41402A Datasheet
468Kb / 18P
2-ch Motor drive IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com