Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF60 Datasheet(PDF) 17 Page - Texas Instruments

Part # REF60
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF60 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF60 Datasheet HTML 13Page - Texas Instruments REF60 Datasheet HTML 14Page - Texas Instruments REF60 Datasheet HTML 15Page - Texas Instruments REF60 Datasheet HTML 16Page - Texas Instruments REF60 Datasheet HTML 17Page - Texas Instruments REF60 Datasheet HTML 18Page - Texas Instruments REF60 Datasheet HTML 19Page - Texas Instruments REF60 Datasheet HTML 20Page - Texas Instruments REF60 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Figure 7-7 shows the setup that was used to measure the reference droop. The output ADC code was captured
using a field-programmable gate array (FPGA), and post-processing was done on a personal computer. The
input to the THS4521, and hence in turn to the ADS8881, is a constant dc voltage (close to positive or negative
full-scale because this condition is the worst-case for charge drawn from the REF pin). The dc source must
have extremely low noise. After the REF60xx device is powered up and stable, the FPGA sends commands
to the ADS8881 to capture data in bursts. The ADS8881 is initially in idle mode for 100ms. The FPGA then
sends a command to the ADS8881 to perform 100 conversions at 1MSPS. The ADC code corresponding to
these 100 conversions (one burst of data) is stored as the first row in a 1000 × 100 dimensional array. This
operation is repeated 1000 times, and the data corresponding to each burst is stored in a new row of the 1000
× 100 dimensional array. Finally, each column in this array is averaged to get a final data-set of 100 elements.
This final data-set now has code spread that is much less than 1LSB because most of the noise has now been
removed through averaging. This data-set was plotted on a graph with X axis = column number (each column
number corresponds to 1µs of time because the sampling rate is 1MSPS), and Y axis = ADC output code to
obtain reference-droop measurements.
Bandgap
Voltage
Reference
CFILT = 1 µF
CL = 47 µF
RESR = 5 PŸ
RFILT
Buffer
+
VIN
OUT_S
OUT_F
FILT
VIN
GND_S
GND_F
Power Supply
SS
REF60xx
RLIM = 120 NŸ
EN
GND
REF
+
VIN
R = 1 NŸ
RF = 5 Ÿ
CF = 10 nF
THS4521
AINP
AINN
ADS8881
Copyright © 2016, Texas Instruments Incorporated
R = 1 NŸ
R = 1 NŸ
R = 1 NŸ
RF = 5 Ÿ
Power Supply
Figure 7-7. Burst-Mode Measurement Setup
www.ti.com
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com