Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF60 Datasheet(PDF) 2 Page - Texas Instruments

Part # REF60
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF60 Datasheet(HTML) 2 Page - Texas Instruments

  REF60 Datasheet HTML 1Page - Texas Instruments REF60 Datasheet HTML 2Page - Texas Instruments REF60 Datasheet HTML 3Page - Texas Instruments REF60 Datasheet HTML 4Page - Texas Instruments REF60 Datasheet HTML 5Page - Texas Instruments REF60 Datasheet HTML 6Page - Texas Instruments REF60 Datasheet HTML 7Page - Texas Instruments REF60 Datasheet HTML 8Page - Texas Instruments REF60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings (1) ...................................4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 7
7 Parameter Measurement Information.......................... 14
7.1 Solder Heat Shift.......................................................14
7.2 Thermal Hysteresis................................................... 15
7.3 Reference Droop Measurements..............................16
7.4 1/f Noise Performance.............................................. 18
8 Detailed Description......................................................19
8.1 Overview................................................................... 19
8.2 Functional Block Diagram......................................... 19
8.3 Feature Description...................................................20
8.4 Device Functional Modes..........................................23
9 Application and Implementation.................................. 24
9.1 Application Information............................................. 24
9.2 Typical Application.................................................... 24
9.3 Power Supply Recommendations.............................27
9.4 Layout....................................................................... 27
10 Device and Documentation Support..........................28
10.1 Documentation Support.......................................... 28
10.2 Receiving Notification of Documentation Updates..28
10.3 Support Resources................................................. 28
10.4 Trademarks.............................................................28
10.5 Electrostatic Discharge Caution..............................28
10.6 Glossary..................................................................28
11 Revision History.......................................................... 28
12 Mechanical, Packaging, and Orderable
Information.................................................................... 29
4 Device Comparison Table
DEVICE FAMILY
TEMPERATURE DRIFT
REF60xx
5ppm/°C from –40 to 125°C
REF61xx
8ppm/°C from –40 to 125°C
REF62xx
3ppm/°C from 0 to 70°C
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com