Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF60 Datasheet(PDF) 27 Page - Texas Instruments

Part # REF60
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF60 Datasheet(HTML) 27 Page - Texas Instruments

Back Button REF60 Datasheet HTML 23Page - Texas Instruments REF60 Datasheet HTML 24Page - Texas Instruments REF60 Datasheet HTML 25Page - Texas Instruments REF60 Datasheet HTML 26Page - Texas Instruments REF60 Datasheet HTML 27Page - Texas Instruments REF60 Datasheet HTML 28Page - Texas Instruments REF60 Datasheet HTML 29Page - Texas Instruments REF60 Datasheet HTML 30Page - Texas Instruments REF60 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
9.3 Power Supply Recommendations
The REF60xx family of references have extremely low dropout voltage. The dropout specifications can be found
in Section 6.5. A minimum 0.1 µF decoupling capacitor must be connected between the VIN and GND_F pins of
the REF60xx. A typical dropout voltage versus load is shown in Figure 9-8.
0
50
100
150
200
250
±4
±3
±2
±1
0
1
2
3
4
Load Current (mA)
C017
-40ƒC
25ƒC
90ƒC
125ƒC
Figure 9-8. Dropout Voltage vs Load Current
9.4 Layout
9.4.1 Layout Guidelines
Figure 9-9 illustrates an example of a PCB layout for a data-acquisition system using the REF60xx. Some key
considerations are:
• Connect low-ESR, 0.1μF ceramic bypass capacitors between the VIN pin and ground.
• Place the REF60xx output capacitor (CL) and the ADC as close to each other as possible.
• Run two separate traces between VOUT_F, VOUT_S and the output capacitor, as shown in Figure 9-9.
• Short the GND_F and GND_S pins with a solid plane, and extend this plane to connect to the output
capacitor CL, as shown in Figure 9-9.
• Use a solid ground plane to help distribute heat and reduces electromagnetic interference (EMI) noise pickup.
• Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary.
9.4.2 Layout Example
RSS
CFILT
RESR
CIN
REF60xx
CL
AGND
VOUT
REFP
REFM
ADC
AGND
VIN
EN
Copyright © 2016, Texas Instruments Incorporated
Figure 9-9. Layout Example
www.ti.com
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com