Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-B01B-R0F2-DB1B1B-5A Datasheet(PDF) 1 Page - E-T-A Elektrotechnische Apparate GmbH.

Part # 8345-B01B-R0F2-DB1B1B-5A
Description  Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-T-A [E-T-A Elektrotechnische Apparate GmbH.]
Direct Link  https://www.e-t-a.com/
Logo E-T-A - E-T-A Elektrotechnische Apparate GmbH.

8345-B01B-R0F2-DB1B1B-5A Datasheet(HTML) 1 Page - E-T-A Elektrotechnische Apparate GmbH.

  8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 1Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 2Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 3Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 4Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 5Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 6Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 7Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 8Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 9Page - E-T-A Elektrotechnische Apparate GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
2527
1
1
Description
Typical applications
Technical data
Single or multipole hydraulic-magnetic circuit breakers with
trip-free-mechanism and toggle actuation. A choice of switching
characteristics ensures suitability for a wide range of applications.
Industry standard dimensions and panel mounting. Auxiliary
contacts optional. Low temperature sensitivity at rated load.
Approved to CBE standard EN 60934 (IEC 60934) S-type HM CBE.
In the business fields Communication and Transport: power supplies,
switchgear, instrumentation and process control engineering.
8345
1-pole
2-pole
For further details please see: http://www.e-t-a.de/ti_e
Voltage rating
3 AC 415 V; AC 277/480 V;
AC 120/240 V; AC 240 V; DC 80 V
(higher DC voltages to special order)
Current rating range
0.02...125 A single and multipole
higher ratings upon request
Auxiliary circuit
AC 240 V 6 A
DC 28 V 3 A
DC 65 V 1 A
DC 80 V 0.5 A
Typical life
10,000 operations at 1 x IN
Ambient temperature
-40...+85 °C (-40...+185 °F)
Insulation co-ordination
(IEC 60664)
2.5 kV/2
reinforced insulation in operating area
Dielectric strength
operating area
test voltage AC 3,000 V
Line to Load
test voltage AC 1,500 V
pole to pole (2- and 3-pole)test voltage AC 1,500 V
main to auxiliary circuit test voltage AC 3,000 V
switching to trip circuit test voltage AC 1,500 V
(version -X)
Insulation resistance
> 100 MΩ (DC 500 V)
Degree of protection
operating area IP40
(IEC 60529)
terminal area IP00
Vibration
10 g (57...2000 Hz) ± 0.76 mm
(10...57 Hz) at IN
5 g mounting position toggle down
at 0.9 IN
5 g mounting position toggle up at IN
trip curve F1, F2, all mounting
positions:
10 g at 0.8 x IN
test to IEC 60068-2-6,
test Fc, 10 frequency cycles/axis
Shock
directions 1, 2, 3, 4, 5: 100 g (11 ms) at 1 x IN,
direction 6:
100 g (11 ms) at 0.8 x IN,
with curves F1, F2:
100 g (11 ms) at 0.8 x IN
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH,
to IEC 60068-2-78, test Cab
Mass
approx. 90 - 120 g per pole
depending on version
Standard current ratings and typical internal resistance values
Current
rating (A)
Trip curves and internal resistance (Ω) per pole
F1
F2
K1, M1, T1
K2, M2, T2
0,05
---
---
531
542
0,1
---
---
129
127
1
0,578
0,347
1,10
1,08
2
0,144
0,0959
0,295
0,291
3
0,0644
0,0477
0,121
0,118
5
0,0250
0,0192
0,0437
0,0449
10
0,00901
0,00714
0,0147
0,0133
15
0,00597
0,00483
0,00794
0,00794
20
0,00468
0,00410
0,00597
0,00597
25
0,00410
0,00385
0,00456
0,00456
30
0,00385
0,00371
0,00458
0,00458
40
0,00371
0,00371
0,00373
0,00373
50
0,00358
0,00358
0,00335
0,00335
60
---
---
0,00333
0,00333
80
---
---
0,00325
0,00325
100
---
---
0,00316
0,00316
125
---
---
0,00314
0,00314
Approvals
Compliance


Similar Part No. - 8345-B01B-R0F2-DB1B1B-5A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8345-B01B-R0 ETAL-8345-B01B-R0 Datasheet
674Kb / 10P
In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
More results

Similar Description - 8345-B01B-R0F2-DB1B1B-5A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
Magnetic Hydraulic Circuit Breakers
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
logo
List of Unclassifed Man...
LELK1-30299-176-V ETC2-LELK1-30299-176-V Datasheet
2Mb / 28P
Hydraulic Magnetic Circuit Protectors
IEG6-36902-2-V ETC2-IEG6-36902-2-V Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
logo
ETAL Group
8340-G ETAL-8340-G Datasheet
320Kb / 6P
Magnetic and Hydraulic-Magnetic Circuit Breaker
logo
Littelfuse
AM2-X0-14-101-X01-C LITTELFUSE-AM2-X0-14-101-X01-C Datasheet
2Mb / 27P
Hydraulic-Magnetic Circuit Breaker
logo
Sensata Technologies, I...
IAG SENSATA-IAG Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
logo
List of Unclassifed Man...
8340-T110-K1M1-ALH126-10A ETC-8340-T110-K1M1-ALH126-10A Datasheet
410Kb / 6P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-T...
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com