Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-B01B-R0F2-DB1B1B-5A Datasheet(PDF) 3 Page - E-T-A Elektrotechnische Apparate GmbH.

Part # 8345-B01B-R0F2-DB1B1B-5A
Description  Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-T-A [E-T-A Elektrotechnische Apparate GmbH.]
Direct Link  https://www.e-t-a.com/
Logo E-T-A - E-T-A Elektrotechnische Apparate GmbH.

8345-B01B-R0F2-DB1B1B-5A Datasheet(HTML) 3 Page - E-T-A Elektrotechnische Apparate GmbH.

  8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 1Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 2Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 3Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 4Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 5Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 6Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 7Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 8Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 9Page - E-T-A Elektrotechnische Apparate GmbH.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
2527
3
1
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
Mounting version F
Flange mounting round aperture
Cut-out dimensions:
48
Mounting version B/C
Flange mounting rectangular aperture
pole
19.1±0.1
12
34
number of poles 1 to 4
mounting thread M3 or 6-32
all dimensions referred to the top edge
mounting depth 4.2 mm/.165 in.
max. insertion depth 5.5 mm
max. tightening torque 0.33 Nm
1.89
Cut-out dimensions:
1-pole
multipole
19.2
.756
28.7
47.8
9.6
2.63
1.88
.378
1.13
66.9
76.5
3.01
3.5±0.1 (M3)
4
+0.1
-0.15 (6-32UNC)
1-pole
.138±.004 (M3)
.157
+.004
-.006 (6-32UNC)
4-pole
ON
OFF
68
2.68
48
1.89
68
2.68
ON
OFF
pole
12
34
number of poles 1 to 4
.752±.004
19.1
.752
n x 19.1
n x .752
19.1±0.1
.752±.004
3.5±0.1 (M3)
4
+0.1
-0.15 (6-32UNC)
.138±.004 (M3)
.157
+.004
-.006 (6-32UNC)
19.1
.752
n x 19.1
n x .752
max. panel thickness: 3 mm
mounting thread M3 or 6-32
all dimensions referred to the top edge
mounting depth 4.2 mm/.165 in.
max. insertion depth 5.5 mm
max. tightening torque 0.33 Nm
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Dimensions
Installation drawing
blow out space
(can be reduced on request)
operating area
(reinforced insulation)
2
.079
8
.315
29
1.14
terminal
area
mounting
area
This is a metric design and millimeter dimensions take precedence (mm )
inch



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com