Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8345-B01B-R0F2-DB1B1B-5A Datasheet(PDF) 2 Page - E-T-A Elektrotechnische Apparate GmbH.

Part # 8345-B01B-R0F2-DB1B1B-5A
Description  Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-T-A [E-T-A Elektrotechnische Apparate GmbH.]
Direct Link  https://www.e-t-a.com/
Logo E-T-A - E-T-A Elektrotechnische Apparate GmbH.

8345-B01B-R0F2-DB1B1B-5A Datasheet(HTML) 2 Page - E-T-A Elektrotechnische Apparate GmbH.

  8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 1Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 2Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 3Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 4Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 5Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 6Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 7Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 8Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 9Page - E-T-A Elektrotechnische Apparate GmbH.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
2527
2
1
Ordering information for EN 60934 and UL 1077
Type No.
8345
Mounting
B flange mounting, with rectangular aperture with mounting nut 6-32UNC
C flange mounting, with rectangular aperture with mounting nut M3
F flange mounting, with round aperture with mounting nut M3
Configuration
0 without barrier
1 with small barrier
2 with large barrier (requested for multipole AC applications)
Number of poles
1 single pole protected
2 two pole protected
3 three pole protected
4 four pole protected
Actuator configuration
A all poles with standard toggle
B reduced number of standard toggles
Z without actuator
Terminal design
P blade terminals ≤ 35 A
R round connectors 6 mm
U stud terminals M6 ≤ 125 A
V stud terminals 1/4-20UNC-3A ≤ 125 A
W laminated round terminals ≤ 125 A
Terminal hardware
0 without
3 with washer and nut
Characteristic curve *)
Characteristic curve, instantaneous:
F1 DC (limited to ratings of 1 A to 50 A)
F2 AC 60/50 Hz (limited to ratings of 1 A to 50 A)
Short delay:
K1 DC
K2 AC
Medium delay:
M1 DC
M2AC 60/50 Hz
Long delay:
T1 DC
T2 AC 60/50 Hz
Version
D standard
Colour configuration
B1 black actuator
Marking
front plate
actuator base
B1 without
ON-OFF
B2 IN
ON-OFF
B3 IN, characteristic curves ON-OFF
Rated voltage
B AC or ≤ 80 V DC
Current ratings
0.02...125 A
higher current ratings
upon request
8345 - C 0 1
A - U 3 M1 - D B1 B1 B - 60 A ordering
example
Please be informed that we have minimum ordering
quantities to be observed.
Remote trip coil available to special order.
*) Other characteristic curves upon request (e.g. pulse delayed, for high
inrush currents or capacitive loads)
Type number
X8345
Module
S auxiliary contact module
Auxiliary contacts
01 in all poles
02 in pole 1 only
Auxiliary contact version
K auxiliary contacts (symmetrical terminals)
Auxiliary contact function
W1 1 changeover
Terminal design
02 microswitch with blade terminals
DIN 46244-A2.8-0.5
M mounted to base unit
X8345 - S 01 K W1 02 M ordering example
Ordering information for auxiliary contact module
Note:
Move actuator of multipole devices slowly and smoothly into
ON position to ensure reliable latch-on behaviour of all poles.
Approvals
Authority Standard Rated voltage Current ratings
VDE
IEC / EN
60934
AC 240/415 V
AC 240 V
DC 80 V
0.016 A…80 A
0.016 A…80 A
0.02 A…125 A
UL/CSA
UL 1077
CSA
C22.2
No. 235
AC 277/480 V
AC 277 V
DC 80 V
0.02 A…70 A
0.02 A…70 A
0.02 A…125 A
CQC
GB 17701 AC 240/415 V
AC 240 V
DC 80 V
DC 110 V
0.02 A…80 A (3 pole)
0.02 A…80 A
(1 + 2 pole)
0.02 A…125 A
(1 + 2 pole)
0.05 A…125 A
(1 + 2 pole)
Interrupting capacity to EN 60934, CCC, UL 1077
IEC 60934 / CCC (3-pole) – test series E:
voltage
number of
poles
IN max. (A)
Icn (A)
DC 80 V
1 + 2
0.02...125
10 000
AC 240/415 V
1 – 4
0.016...80
6 x IN
AC 240 V
1
0.016...20
5 000
UL 1077:
voltage
number of
poles
IN max. (A)
Icn (A)
DC 80 V
1 + 2
0.02...125
10 000
AC 277/480 V
1 – 4
0.02...70
5 000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com