Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC131 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC131
Description  3 TO 8 LINE DECODER/LATCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC131 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC131 Datasheet HTML 1Page - STMicroelectronics M74HC131 Datasheet HTML 2Page - STMicroelectronics M74HC131 Datasheet HTML 3Page - STMicroelectronics M74HC131 Datasheet HTML 4Page - STMicroelectronics M74HC131 Datasheet HTML 5Page - STMicroelectronics M74HC131 Datasheet HTML 6Page - STMicroelectronics M74HC131 Datasheet HTML 7Page - STMicroelectronics M74HC131 Datasheet HTML 8Page - STMicroelectronics M74HC131 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M54HC131
M74HC131
October 1992
3 TO 8 LINE DECODER/LATCH
B1R
(Plastic Package)
ORDER CODES :
M54HC131F1R
M74HC131M1R
M74HC131B1R
M74HC131C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
tPD = 22 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH = VNIL = 28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH |= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC(OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS131
The M54/74HC131 is a high speed CMOS 3 TO 8
LINE DECODER/LATCH fabricated in silicon gate
C2MOS technology.
It has the same high speed performance of LSTTL
combined with true CMOS low power consumption.
This device is a DECODER/LATCH capable of se-
lecting arbitrarily one of eight outputs by three binary
inputs A, B, and C, in this case, the selected output
is at logic ”low”.
Also, when ENABLE input G1 is set low or ENABLE
input G2 is set high, selection is inhibited regardless
of other input signals and all the outputs are at high.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
DESCRIPTION
1/12


Similar Part No. - M74HC131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
March 2002
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
477Kb / 13P
Quad 2-input Schmitt NAND gate
10-Jan-2014
M74HC132B1R STMICROELECTRONICS-M74HC132B1R Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
M74HC132B1R STMICROELECTRONICS-M74HC132B1R Datasheet
180Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
March 2002
More results

Similar Description - M74HC131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC137 STMICROELECTRONICS-M54HC137 Datasheet
256Kb / 11P
3 TO 8 LINE DECODER/LATCH INVERTING
Feb-1993
M54HC237 STMICROELECTRONICS-M54HC237 Datasheet
256Kb / 11P
3 TO 8 LINE DECODER LATCH
Oct-1992
M54HCT137 STMICROELECTRONICS-M54HCT137 Datasheet
260Kb / 12P
3 TO 8 LINE DECODER/LATCH INVERTING
Feb-1993
logo
Fairchild Semiconductor
MM74HC259 FAIRCHILD-MM74HC259 Datasheet
76Kb / 7P
8-Bit Addressable Latch/3-to-8 Line Decoder
logo
Toshiba Semiconductor
TC74HC237AP TOSHIBA-TC74HC237AP Datasheet
299Kb / 7P
3- TO - 8 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC237 STMICROELECTRONICS-M74HC237 Datasheet
181Kb / 11P
3 TO 8 LINE DECODER LATCH
Jul-2001
logo
Toshiba Semiconductor
TC74HC237AP TOSHIBA-TC74HC237AP_07 Datasheet
384Kb / 9P
3-to-8 Line Decoder/Latch
01-Oct-2007
logo
STMicroelectronics
M54HC237 STMICROELECTRONICS-M54HC237_04 Datasheet
196Kb / 10P
RAD-HARD 3 TO 8 LINE DECODER LATCH
Apr-2004
M54HC137 STMICROELECTRONICS-M54HC137_04 Datasheet
224Kb / 10P
RAD-HARD 3 TO 8 LINE DECODER/LATCH (INVERTING)
Mar-2004
logo
Renesas Technology Corp
HD74HC237 RENESAS-HD74HC237 Datasheet
72Kb / 10P
3-to-8-line Decoder/Demultiplexer with Address Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com