Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC133 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC133
Description  13 INPUT NAND GATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC133 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC133 Datasheet HTML 1Page - STMicroelectronics M74HC133 Datasheet HTML 2Page - STMicroelectronics M74HC133 Datasheet HTML 3Page - STMicroelectronics M74HC133 Datasheet HTML 4Page - STMicroelectronics M74HC133 Datasheet HTML 5Page - STMicroelectronics M74HC133 Datasheet HTML 6Page - STMicroelectronics M74HC133 Datasheet HTML 7Page - STMicroelectronics M74HC133 Datasheet HTML 8Page - STMicroelectronics M74HC133 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1to 7,
10 to 15
AtoG,
Hto M
Data Inputs
9
Y
Data Output
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
LOGIC DIAGRAM (1/2 Package)
TRUTH TABLE
A
BCD
E
F
G
H
I
J
K
L
M
Y
L
X
XX
X
XXX
XXX
XXH
X
L
XX
X
XXX
XXX
XXH
XX
L
X
X
XXX
XXX
XXH
XX
X
L
X
XXX
XXX
XXH
XX
XX
L
XXX
XXX
XXH
XX
XX
X
L
XX
XXX
XXH
XX
XX
X
X
L
X
XXX
XXH
XX
XX
X
X
X
L
XXX
XXH
XX
XX
X
XXX
L
X
X
XXH
XX
XX
X
XXX
X
L
X
XXH
XX
XX
X
XXX
XX
L
XXH
XX
XX
X
XXX
XXX
L
X
H
XX
XX
X
XXX
XXX
X
L
H
H
HHH
H
HHH
HHH
HH
L
X: Don’t Care
M54/M74HC133
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com