Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC133 Datasheet (PDF) - STMicroelectronics

M74HC133 Datasheet PDF - STMicroelectronics
Part # M74HC133
Download  M74HC133 Download
File Size   237.55 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 13 INPUT NAND GATE

M74HC133 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC133 Datasheet PDF - STMicroelectronics

Part # M74HC133
Download  M74HC133 Click to download

File Size   237.55 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 13 INPUT NAND GATE

M74HC133 Datasheet (HTML) - STMicroelectronics


M74HC133 Product details

DESCRIPTION
The M54/74HC133 is a high speed CMOS 13-INPUT NAND GATE fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. The internal circuit is composed of 7 stages including buffer output, which gives high noise immunity and stable output. All inputs are equipped with protection circuits against static discharge and transient excess voltage.

■ HIGH SPEED tPD = 13 ns (TYP.) at VCC = 5 V
■ LOW POWER DISSIPATION ICC = 1 µA (MAX.) at TA = 25° C
■ HIGH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS
■ SYMMETRICAL OutpuT IMPEDANCE |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V to 6 V
■ PIN AND FUNCTION COMPATIBLE WITH 54/74LS133




Similar Part No. - M74HC133

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC133 STMICROELECTRONICS-M74HC133 Datasheet
181Kb / 9P
13 INPUT NAND GATE
Jul-2001
M74HC133B1R STMICROELECTRONICS-M74HC133B1R Datasheet
181Kb / 9P
13 INPUT NAND GATE
Jul-2001
M74HC133M1R STMICROELECTRONICS-M74HC133M1R Datasheet
181Kb / 9P
13 INPUT NAND GATE
Jul-2001
M74HC133RM13TR STMICROELECTRONICS-M74HC133RM13TR Datasheet
181Kb / 9P
13 INPUT NAND GATE
Jul-2001
M74HC133TTR STMICROELECTRONICS-M74HC133TTR Datasheet
181Kb / 9P
13 INPUT NAND GATE
Jul-2001
More results


Similar Description - M74HC133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
13.input NAND Gate
July 2, 1993
74HC133 PHILIPS-74HC133 Datasheet
36Kb / 5P
13-input NAND gate
September 1993
logo
Fairchild Semiconductor
DM74ALS133 FAIRCHILD-DM74ALS133 Datasheet
43Kb / 4P
13-Input NAND Gate
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
13-Input NAND Gate
logo
National Semiconductor ...
MM74HC133 NSC-MM74HC133 Datasheet
149Kb / 4P
13-Input NAND Gate
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
13-INPUT NAND GATE
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
13-INPUT NAND GATE
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
13-Input NAND Gate
logo
Renesas Technology Corp
HD74HC133 RENESAS-HD74HC133 Datasheet
91Kb / 6P
13-input NAND Gate
logo
List of Unclassifed Man...
N74F133N602 ETC1-N74F133N602 Datasheet
85Kb / 8P
13-input NAND gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com