Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC133 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC133
Description  13 INPUT NAND GATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC133 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC133 Datasheet HTML 1Page - STMicroelectronics M74HC133 Datasheet HTML 2Page - STMicroelectronics M74HC133 Datasheet HTML 3Page - STMicroelectronics M74HC133 Datasheet HTML 4Page - STMicroelectronics M74HC133 Datasheet HTML 5Page - STMicroelectronics M74HC133 Datasheet HTML 6Page - STMicroelectronics M74HC133 Datasheet HTML 7Page - STMicroelectronics M74HC133 Datasheet HTML 8Page - STMicroelectronics M74HC133 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M54HC133
M74HC133
October 1992
13 INPUT NAND GATE
B1R
(Plastic Package)
ORDER CODES :
M54HC133F1R
M74HC133M1R
M74HC133B1R
M74HC133C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
DESCRIPTION
.
HIGH SPEED
tPD = 13 ns (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) at TA =25° C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OutpuT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS133
The M54/74HC133 is a high speed CMOS 13-
INPUT NAND GATE fabricated in silicon gate
C
2MOS technology. It has the same high speed per-
formance of LSTTL combined with true CMOS low
power consumption.
The internal circuit is composed of 7 stages includ-
ing buffer output, which gives high noise immunity
and stable output. All inputs are equipped with pro-
tection circuits against static discharge and transient
excess voltage.
1/10


Similar Part No. - M74HC133

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC133 STMICROELECTRONICS-M74HC133 Datasheet
181Kb / 9P
13 INPUT NAND GATE
Jul-2001
M74HC133B1R STMICROELECTRONICS-M74HC133B1R Datasheet
181Kb / 9P
13 INPUT NAND GATE
Jul-2001
M74HC133M1R STMICROELECTRONICS-M74HC133M1R Datasheet
181Kb / 9P
13 INPUT NAND GATE
Jul-2001
M74HC133RM13TR STMICROELECTRONICS-M74HC133RM13TR Datasheet
181Kb / 9P
13 INPUT NAND GATE
Jul-2001
M74HC133TTR STMICROELECTRONICS-M74HC133TTR Datasheet
181Kb / 9P
13 INPUT NAND GATE
Jul-2001
More results

Similar Description - M74HC133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
13.input NAND Gate
July 2, 1993
74HC133 PHILIPS-74HC133 Datasheet
36Kb / 5P
13-input NAND gate
September 1993
logo
Fairchild Semiconductor
DM74ALS133 FAIRCHILD-DM74ALS133 Datasheet
43Kb / 4P
13-Input NAND Gate
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
13-Input NAND Gate
logo
National Semiconductor ...
MM74HC133 NSC-MM74HC133 Datasheet
149Kb / 4P
13-Input NAND Gate
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
13-INPUT NAND GATE
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
13-INPUT NAND GATE
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
13-Input NAND Gate
logo
Renesas Technology Corp
HD74HC133 RENESAS-HD74HC133 Datasheet
91Kb / 6P
13-input NAND Gate
logo
List of Unclassifed Man...
N74F133N602 ETC1-N74F133N602 Datasheet
85Kb / 8P
13-input NAND gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com