Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF-11264C Datasheet(PDF) 13 Page - EPCOS

Part # AF-11264C
Description  SPECIFICATIONS FOR LCD MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AF-11264C Datasheet(HTML) 13 Page - EPCOS

Back Button AF-11264C Datasheet HTML 8Page - EPCOS AF-11264C Datasheet HTML 9Page - EPCOS AF-11264C Datasheet HTML 10Page - EPCOS AF-11264C Datasheet HTML 11Page - EPCOS AF-11264C Datasheet HTML 12Page - EPCOS AF-11264C Datasheet HTML 13Page - EPCOS AF-11264C Datasheet HTML 14Page - EPCOS AF-11264C Datasheet HTML 15Page - EPCOS AF-11264C Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Date: 2006/7/26
AMPIRE CO., LTD.
13
9
HANDLING PRECAUTIONS
(1) An LCD module is a fragile item and should not be subjected to strong mechanical
shocks.
(2) Avoid applying pressure to the module surface. This will distort the glass and cause a
change in color.
(3) Under no circumstances should the position of the bezel tabs or their shape be modified.
(4) Do not modify the display PCB in either shape or positioning of components.
(5) Do not modify or move location of the zebra or heat seal connectors.
(6) The device should only be soldered to during interfacing. Modification to other areas of
the board should not be carried out.
(7) In the event of LCD breakage and resultant leakage of fluid do not inhale, ingest or make
contact with the skin. If contact is made rinse immediately.
(8) When cleaning the module use a soft damp cloth with a mild solvent, such as Isopropyl or
Ethyl alcohol. The use of water, ketone or aromatic is not permitted.
(9) Prior to initial power up input signals should not be applied.
(10) Protect the module against static electricity and observe appropriate anti-static
precautions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com