Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF-11264C Datasheet(PDF) 3 Page - EPCOS

Part # AF-11264C
Description  SPECIFICATIONS FOR LCD MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AF-11264C Datasheet(HTML) 3 Page - EPCOS

  AF-11264C Datasheet HTML 1Page - EPCOS AF-11264C Datasheet HTML 2Page - EPCOS AF-11264C Datasheet HTML 3Page - EPCOS AF-11264C Datasheet HTML 4Page - EPCOS AF-11264C Datasheet HTML 5Page - EPCOS AF-11264C Datasheet HTML 6Page - EPCOS AF-11264C Datasheet HTML 7Page - EPCOS AF-11264C Datasheet HTML 8Page - EPCOS AF-11264C Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Date: 2006/7/26
AMPIRE CO., LTD.
3
1
FEATURES
(1) Display format :112
× 64 dot-matrix
(2) Construction : LCD panel, and COF.
(3) Display type : FSTN, Positive, Transflective, 6 o’clock view
(4) Driver : IC S6B1713A15-B0CZ
(5) 3.0V power input.
(6) Extended temperature type.
(7) ROHS compliant.
2
MECHANICAL DATA
Parameter
Stand Value
Unit
Dot size
0.245(W)
× 0.310(H)
mm
Dot pitch
0.260(W)
× 0.325(H)
mm
Viewing area
33.6(W)
× 22.3(H)
mm
Module size
39.0(W)
× 66.6(H) ×5.7 (T)
mm
3
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Logic Circuit Supply Voltage
VDD-VSS
-0.3
7.0
V
LCD Driving Voltage
VDD-VO
0
14
V
Input Voltage
VI
-0.3
VDD+0.3
V
Operating Temp.
TOP
-20
70
°C
Storage Temp.
TSTG
-30
80
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com