Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF-11264C Datasheet(PDF) 4 Page - EPCOS

Part # AF-11264C
Description  SPECIFICATIONS FOR LCD MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AF-11264C Datasheet(HTML) 4 Page - EPCOS

  AF-11264C Datasheet HTML 1Page - EPCOS AF-11264C Datasheet HTML 2Page - EPCOS AF-11264C Datasheet HTML 3Page - EPCOS AF-11264C Datasheet HTML 4Page - EPCOS AF-11264C Datasheet HTML 5Page - EPCOS AF-11264C Datasheet HTML 6Page - EPCOS AF-11264C Datasheet HTML 7Page - EPCOS AF-11264C Datasheet HTML 8Page - EPCOS AF-11264C Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Date: 2006/7/26
AMPIRE CO., LTD.
4
4
ELECTRO-OPTICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Note
----- Electronic Characteristics -----
Logic Circuit
Supply Voltage
VDD-VSS
--
--
3.0
--
V
-20
°C
7.96
8.34
8.66
25
°C
7.57
7.92
8.27
LCD Driving
Voltage
V0-VSS
70
°C
7.31
7.59
7.91
V
VIH
--
0.8 VDD
--
VDD
V
Input Voltage
VIL
--
0
--
0.2 VDD
V
Logic Supply
Current
IDD
VDD = 3V
--
--
1.2
mA
----- Optical Characteristics -----
Contrast
CR
25
°C
2
5
Note 1
Rise Time
tr
25
°C
--
150
225
ms
Fall Time
tf
25
°C
--
320
480
ms
Note 2
θ f
40
--
--
θ b
30
--
--
θ l
40
--
--
Viewing Angle
Range
θ r
25
°C &
CR
≥2
40
--
--
Deg.
Note 3
Frame Frequency
fF
25
°C
--
64
--
Hz
(NOTE 1) Contrast ratio :
CR = (Brightness in OFF state) / (Brightness in ON state)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com