Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZNC Datasheet(PDF) 116 Page - Texas Instruments

Part # AM261...ZNC
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Datasheet(HTML) 116 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 112Page - Texas Instruments AM261...ZNC Datasheet HTML 113Page - Texas Instruments AM261...ZNC Datasheet HTML 114Page - Texas Instruments AM261...ZNC Datasheet HTML 115Page - Texas Instruments AM261...ZNC Datasheet HTML 116Page - Texas Instruments AM261...ZNC Datasheet HTML 117Page - Texas Instruments AM261...ZNC Datasheet HTML 118Page - Texas Instruments AM261...ZNC Datasheet HTML 119Page - Texas Instruments AM261...ZNC Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 218 page
background image
6.11.5.2 Enhanced Capture (eCAP)
Note
The device has multiple ECAP modules. The generic CAP_ prefix is used to represent the signal
names for all ECAP instances.
For more information, see Enhanced Capture (ECAP) Module section in the device TRM.
6.11.5.2.1 ECAP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
1
4
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
2
7
pF
6.11.5.2.2 ECAP Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
CAP1
tw(CAP)
Capture input pulse width
Asynchronous
(2 + X(2)) × P(1)
ns
Synchronous
(3 + X(2)) × P(1)
With input qualifier
(2 + X(2)) × P(1) + U(3)
(1)
P = sysclk period in ns.
(2)
X = value of ECCTL0_TYPE3[QUALPRD] setting.
(3)
U = the input qualifier sampling window. See GPIO Electrical Data and Timing section for details on Input Qualifier Mode
CAP
CAP1
EPERIPHERALS_TIMNG_01
Figure 6-16. ECAP Timings Requirements
6.11.5.2.3 ECAP Switching Characteristics
(1)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
CAP2
tw(APWM)
Pulse duration, APWMx output high/low
10
ns
(1)
Some ECAP signals are pinmuxed with I2C0 SDA and SCL pins. These pins use an alternate open drain voltage buffer and may not
meet the specified parameters. Values are pending additional post-silicon validation.
APWM
CAP2
EPERIPHERALS_TIMNG_02
Figure 6-17. ECAP Switching Characteristics
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
116
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com