Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZNC Datasheet(PDF) 117 Page - Texas Instruments

Part # AM261...ZNC
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Datasheet(HTML) 117 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 113Page - Texas Instruments AM261...ZNC Datasheet HTML 114Page - Texas Instruments AM261...ZNC Datasheet HTML 115Page - Texas Instruments AM261...ZNC Datasheet HTML 116Page - Texas Instruments AM261...ZNC Datasheet HTML 117Page - Texas Instruments AM261...ZNC Datasheet HTML 118Page - Texas Instruments AM261...ZNC Datasheet HTML 119Page - Texas Instruments AM261...ZNC Datasheet HTML 120Page - Texas Instruments AM261...ZNC Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 218 page
background image
6.11.5.3 Enhanced Pulse Width Modulation (ePWM)
Note
The device has multiple EPWM modules. The generic EHRPWM_ prefix is used to represent the
signal names for all EPWM instances.
For more information, see Enhanced Pulse Width Modulation (EPWM) Module section in the device TRM.
6.11.5.3.1 EPWM Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
1
4
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
2
7
pF
6.11.5.3.2 EPWM Timing Requirements
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PWM6
tw(SYNCIN)
Pulse duration, EHRPWM_SYNCI
2P(1)
ns
PWM7
tw(TZ)
Pulse duration, EHRPWM_TZn_IN low
1P(1)
ns
(1)
P = sysclk period in ns.
EHRPWM_TZn_IN
PWM7
EPERIPHERALS_TIMNG_07
EHRPWM_SYNCI
PWM6
Figure 6-18. EPWM Timing Requirements
6.11.5.3.3 EPWM Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PWM1
tw(PWM)
Pulse duration, EHRPWM_A/B high/low
20
ns
PWM2
tw(SYNCOUT)
Pulse duration, EHRPWM_SYNCO
8P(1)
ns
PWM3
td(TZ-PWM)
Delay time, EHRPWM_TZn_IN active to
EHRPWM_A/B forced high/low
30
ns
PWM4
td(TZ-PWMZ)
Delay time, EHRPWM_TZn_IN active to
EHRPWM_A/B Hi-Z
30
ns
PWM5
tw(SOC)
Pulse duration, EHRPWM_SOCA/B output
32P(1)
ns
(1)
P = sysclk period in ns.
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
117
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com