Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZNC Datasheet(PDF) 122 Page - Texas Instruments

Part # AM261...ZNC
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Datasheet(HTML) 122 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 118Page - Texas Instruments AM261...ZNC Datasheet HTML 119Page - Texas Instruments AM261...ZNC Datasheet HTML 120Page - Texas Instruments AM261...ZNC Datasheet HTML 121Page - Texas Instruments AM261...ZNC Datasheet HTML 122Page - Texas Instruments AM261...ZNC Datasheet HTML 123Page - Texas Instruments AM261...ZNC Datasheet HTML 124Page - Texas Instruments AM261...ZNC Datasheet HTML 125Page - Texas Instruments AM261...ZNC Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 218 page
background image
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
FSIR_TD
M1
tskew(RX_CLK-TX_TDM_D)
Delay skew between FSIRXn_TDM_CLK
delay and FSIRXn_TDM_D[0:1]
–3
3
ns
FSIR_TD
M2
tskew(RX_CLK-
TX_TDM_CLK)
Delay time, FSIRXn_CLK input to
FSITXn_TDM_CLK output
2
12
ns
FSIR_TD
M3
tskew(RX_D0-TX_TDM_D0)
Delay time, FSIRXn_D0 input to
FSITXn_TDM_D0 output
2
12
ns
FSIR_TD
M4
tskew(RX_D1-TX_TDM_D1)
Delay time, FSIRXn_D1 input to
FSITXn_TDM_D1 output
2
12
ns
6.11.5.5.4 FSITX Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
FSIT1
tc(TX_CLK)
Cycle time, FSITXn_CLK
16.67
ns
FSIT2
tw(TX_CLK)
Pulse width, FSITXn_CLK low or
FSITXn_CLK high
0.5P(1) – 1
0.5P(1) + 1
ns
FSIT3
td(TX_CLK-TX_D)
Delay time, FSITXn_Dx valid after
FSITXn_CLK high or FSITXn_CLK low
0.25P(1) – 2
0.25P(1) + 2
ns
FSIT4
td(TXCLKL)
FSITXn_CLK delay compensation at
TX_DLYLINE_CTRL[TXCLK_DLY]=31
9.95
30
ns
FSIT5
td(TX_D0)
FSITXn_D0 delay compensation at
TX_DLYLINE_CTRL[TXCLK_DLY]=31
9.95
30
ns
FSIT6
td(TX_D1)
FSITXn_D1 delay compensation at
TX_DLYLINE_CTRL[TXCLK_DLY]=31
9.95
30
ns
FSIT7
td(TX_DELAY_ELEMENT)
Incremental delay of each delay line
element for FSITXn_CLK, FSITXn_D0, and
FSITXn_D1
0.3
1
ns
FSIT_TD
M1
tskew(TX_TDM_CLK-
TX_TDM_D)
Delay skew introduced between
FSITXn_TDM_CLK delay and
FSITXn_TDM_D[0:1] delays
–2.5
2.5
ns
FSIT_TD
M2
tskew(TX_TDM_CLK-
TX_CLK)
Delay time, FSITXn_TDM_CLK input to
FSITXn_CLK output
2
12
ns
FSIT_TD
M3
tskew(TX_TDM_D0-TX_D0)
Delay time, FSITXn_TDM_D0 input to
FSITXn_D0 output
2
12
ns
FSIT_TD
M4
tskew(TX_TDM_D1-TX_D1)
Delay time, FSITXn_TDM_D1 input to
FSITXn_D1 output
2
12
ns
(1)
P = tc(TX_CLK) = FSITX Interface clock period in ns.
FSI_TXn_CLK
FSIT2
FSIT1
FSIT3
FSI_TXn_D0
FSI_TXn_D1
FSIT2
FSIT1
Figure 6-24. FSI Switching Characteristics - FSI Mode
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
122
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com