Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZNC Datasheet(PDF) 125 Page - Texas Instruments

Part # AM261...ZNC
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Datasheet(HTML) 125 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 121Page - Texas Instruments AM261...ZNC Datasheet HTML 122Page - Texas Instruments AM261...ZNC Datasheet HTML 123Page - Texas Instruments AM261...ZNC Datasheet HTML 124Page - Texas Instruments AM261...ZNC Datasheet HTML 125Page - Texas Instruments AM261...ZNC Datasheet HTML 126Page - Texas Instruments AM261...ZNC Datasheet HTML 127Page - Texas Instruments AM261...ZNC Datasheet HTML 128Page - Texas Instruments AM261...ZNC Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 218 page
background image
6.11.5.7 General Purpose Memory Controller (GPMC)
For more details about features and additional description information on the device General-Purpose Memory
Controller, see the corresponding subsections within Signal Descriptions and Detailed Description sections.
For more information, see the General-Purpose Memory Controller (GPMC) section in the device TRM.
6.11.5.7.1 GPMC Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
1.65
4
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
3
20
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
100MHz
140
720
ps
td(Trace Mismatch Delay) Propagation delay mismatch across all traces
200
ps
6.11.5.7.2 GPMC/NOR Flash Timing Requirements - Synchronous Mode 100MHz
(1) (2)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
F12
tsu(dV-clkH)
Setup time, GPMC0_AD[31:0]
valid before GPMC0_CLK high
div_by_1_mode
(4)
1.81
ns
not_div_by_1_m
ode(5)
1.06
ns
F13
th(clkH-dV)
Hold time, GPMC0_AD[31:0] valid
after GPMC0_CLK high
div_by_1_mode
(4)
2.29
ns
not_div_by_1_m
ode(5)
2.29
ns
F21
tsu(waitV-clkH)
Setup time, GPMC0_WAIT[x](3)
valid before GPMC0_CLK high
div_by_1_mode
(4)
1.81
ns
not_div_by_1_m
ode(5)
1.06
ns
F22
th(clkH-waitV)
Hold time, GPMC0_WAIT[x](3)
valid after GPMC0_CLK high
div_by_1_mode
(4)
2.29
ns
not_div_by_1_m
ode(5)
2.29
ns
(1)
100MHz GPMC_FCLK selected - CTRLMMR_GPMC_CLKSEL[0] CLK_SEL = 1 = MAIN_PLL2_HSDIV7_CLKOUT (100/60 MHz).
(2)
Trace length from GPMC pins to device assumed to be less than 4" and length matched to within 200ps for 100MHz Synchronous
Mode.
(3)
In GPMC_WAIT[x], x is equal to 0 or 1.
(4)
In div_by_1_mode, GPMC0_CLK refers to either GPMC0_CLKOUT or GPMC0_FCLK_MUX (free-running). Both signals are pin-
muxed to the same pin.
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
– GPMC0_CLK frequency = GPMC_FCLK frequency
(5)
In not_div_by_1_mode, GPMC_CLK only refers to GPMC0_CLKOUT. GPMC0_FCLK_MUX cannot be clock divided to match the
GPMC0_CLKOUT frequency if GPMCFCLKDIVIDER > 0.
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 1h to 3h:
– GPMC_CLK frequency = GPMC_FCLK frequency / (2 to 4)
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
125
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com