Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZQ1 Datasheet(PDF) 155 Page - Texas Instruments

Part # AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Datasheet(HTML) 155 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 151Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 152Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 153Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 154Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 155Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 156Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 157Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 158Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 218 page
background image
6.11.5.13 Octal Serial Peripheral Interface (OSPI)
OSPI offers two data capture modes, PHY mode and Tap mode.
PHY mode uses an internal reference clock to transmit and receive data via a DLL based PHY, where each
reference clock cycle produces a single cycle of OSPI_CLK for Single Data Rate (SDR) transfers or a half
cycle of OSPI_CLK for Double Data Rate (DDR) transfers. PHY mode supports three clocking topologies for the
receive data capture clock. Internal PHY Loopback - uses the internal reference clock as the PHY receive data
capture clock. Internal Pad Loopback - uses OSPI_LBCLKO looped back into the PHY from the OSPI_LBCLKO
pin as the PHY receive data capture clock. DQS - uses the DQS output from the attached device as the PHY
receive data capture clock. SDR transfers are not supported when using the Internal Pad Loopback and DQS
clocking topologies. DDR transfers are not supported when using the Internal PHY Loopback or Internal Pad
Loopback clocking topologies.
Tap mode uses an internal reference clock with selectable taps to adjusted data transmit and receive capture
delays relative to OSPI_CLK, which is a divide by 4 of the internal reference clock for SDR transfers or a divide
by 8 of the internal reference clock for DDR transfers. Tap mode only supports one clocking topology for the
receive data capture clock. No Loopback - uses the internal reference clock as the Tap receive data capture
clock. This clocking topology supports a maximum internal reference clock rate of 200MHz, which produces an
OSPI_CLK rate up to 50MHz for SDR mode or 25MHz for DDR mode.
OSPI PHY Mode defines timing requirements and switching characteristics associated with PHY mode and
OSPI Tap Mode defines timing requirements and switching characteristics associated with Tap mode.
OSPI Timing Conditions presents timing conditions for OSPI.
For more information, see Octal Serial Peripheral Interface (OSPI) section in the device TRM.
6.11.5.13.1 OSPI Timing Conditions
PARAMETER
MODE
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
6
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
3
15
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of OSPI_CLK
trace(1)
No Loopback
Internal PHY Loopback
Internal Pad Loopback
450
ps
Propagation delay of OSPI_DQS
trace
DQS
L(2) - 30
L(2) + 30
ps
td(Trace Delay)
Propagation delay of
OSPI_LBCLKO trace
External Board Loopback
2L(2) - 30
2L(2) + 30
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch of
OSPI_D[7:0] and OSPI_CSn[1:0]
relative to OSPI_CLK
All modes
60
ps
(1)
Not applicable when using DQS clocking topology
(2)
L = Propagation delay of OSPI_CLK trace
6.11.5.13.2 OSPI PHY Mode
6.11.5.13.2.1 OSPI With PHY Data Training
Read and write data valid windows will shift due to variation in process, voltage, temperature, and operating
frequency. A data training method may be implemented to dynamically configure optimal read and write timing.
Implementing data training enables proper operation across temperature with a specific process, voltage, and
frequency operating condition, while achieving a higher operating frequency.
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
155
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com