Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Datasheet(HTML) 5 Page - Texas Instruments

  AM261...ZCZQ1 Datasheet HTML 1Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 2Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 3Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 4Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 5Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 6Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 7Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 8Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 218 page
background image
3 Description
The AM261x Sitara Arm® Microcontrollers are part of Sitara AM26x real-time MCU families designed to meet
the complex real-time processing needs of next generation industrial and automotive embedded products. With
scalable Arm Cortex® R5F performance and an extensive set of peripherals, AM261x device is designed for a
broad range of applications while offering safety features and optimized peripherals for real time control.
Key features and benefits:
• Peripherals supporting system level connectivity such as Gigabit Ethernet, USB, OSPI/QSPI, CAN, UARTs,
SPI and GPIOs.
• Granular firewalls managed by Hardware Security Manager (HSM) enable developers to implement stringent
security minded system design requirements.
• Up to two R5F cores in cluster with 256KB of shared Tightly Coupled Memory (TCM) per core along with
1.5MB of shared SRAM, greatly reducing the need for external memory.
Package Information
Part Number(1) (2)
Package
Package Size(3)
AM261...ZCZ
ZCZ (nFBGA, 324)
15.00mm × 15.00mm
AM261...ZFG
ZFG (nFBGA, 304)
13.25mm × 13.25mm
AM261...ZEJ
ZEJ (nFBGA, 256)
13.00mm × 13.00mm
AM261...ZNC
ZNC (nFBGA, 293)
10.00mm × 10.00mm
AM261...ZCZQ1
ZCZQ1 (nFBGA, 324)
15.00mm × 15.00mm
AM261...ZEJQ1
ZEJQ1 (nFBGA, 256)
13.00mm × 13.00mm
(1)
For more information, see Section 11.
(2)
All devices are available in both tray or tape and reel packaging.
(3)
The package size (length x width) is a nominal value and includes pins, where applicable.
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com