Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZQ1 Datasheet(PDF) 47 Page - Texas Instruments

Part # AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 43Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 44Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 45Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 46Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 47Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 48Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 49Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 50Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
J18
M18
G16
K19
GPIO95
GPIO95_CFG_REG
0x5310 017C
0x0000 05F7
PR0_PRU0_GPIO2
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU0_GPIO2
1
IO
RGMII2_RD2
3
I
MII2_RXD2
4
I
GPIO95
7
IO
TRC_DATA2
8
O
ADC_EXTCH_XBAROUT8
9
O
XBAROUT12
10
O
J17
M20
J14
L17
GPIO96
GPIO96_CFG_REG
0x5310 0180
0x0000 05F7
PR0_PRU0_GPIO3
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART3_TXD
1
O
RGMII2_RD3
3
I
MII2_RXD3
4
I
GPIO96
7
IO
TRC_DATA3
8
O
ADC_EXTCH_XBAROUT9
9
O
XBAROUT13
10
O
H18
M19
F16
K18
GPIO97
GPIO97_CFG_REG
0x5310 0184
0x0000 05F7
PR0_PRU0_GPIO16
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RGMII2_TXC
3
O
MII2_TXCLK
4
I
GPIO97
7
IO
L16
P18
H16
M19
GPIO98
GPIO98_CFG_REG
0x5310 0188
0x0000 05F7
PR0_PRU0_GPIO15
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RMII2_TX_EN
2
O
RGMII2_TX_CTL
3
O
MII2_TX_EN
4
O
GPIO98
7
IO
M16
P20
J15
N18
GPIO99
GPIO99_CFG_REG
0x5310 018C
0x0000 05F7
PR0_PRU0_GPIO11
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RMII2_TXD0
2
O
RGMII2_TD0
3
O
MII2_TXD0
4
O
GPIO99
7
IO
J15, R7,
R9, T15,
T7, U4,
U5, U6,
U7, U8,
U9, V3,
V4, V5,
V6, V7,
V8
U17
NC
NC
0
NC
NA
0
-
0
R2
V3
P2
T2
PORz
PORz
0
I
Mode0
3.3V
Yes
HHV
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com