Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZQ1 Datasheet(PDF) 79 Page - Texas Instruments

Part # AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Datasheet(HTML) 79 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 75Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 76Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 77Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 78Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 79Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 80Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 81Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 82Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 218 page
background image
5.3.21.5 VMON
Table 5-63. VMON Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
VSYS_MON (1)
-
External Voltage Monitor with 0.9 V
(+/-3%) setpoint.
U2
Y4
R5
V5
(1)
See the Electrical Specifications - Safety Comparators section for additional details on this pin.
5.3.21.6 Reserved
Table 5-64. Reserved Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
ATESTV1
-
Reserved. This pin must be left
unconnected.
T6
W5
T4
W5
TEMPCAL
-
Reserved. This pin must be
connected to ground (VSS).
U1
W3
P5
W4
Table 5-65. No Connection Description
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
NC (1)
NC
No Connection
J15, R7, R9,
T15, T7, U4,
U5, U6, U7,
U8, U9, V3,
V4, V5, V6,
V7, V8
U17
(1)
These pins should be left unconnected.
5.3.22 UART
Table 5-66. UART0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
UART0_CTSn
I
UART Clear to Send (active low)
A5, B7
A7, D8
A7
A9
UART0_RTSn
O
UART Request to Send (active low)
C6, C7
B4, C7
C8
C9
UART0_RXD
I
UART Receive Data
A7, B6
A8, B7
A6
A8
UART0_TXD
O
UART Transmit Data
A4, A6
A6, B8
B6
B8
Table 5-67. UART1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
UART1_CTSn
I
UART Clear to Send (active low)
B15, G4
A18, J2
B16
A17
UART1_DCDn
I
UART Data Carrier Detect (Active
Low)
J4, N1
L4, R2
H3, M2
H1, N2
UART1_DSRn
I
UART Data Set Ready (Active Low)
V17
W16
R14
V15
UART1_DTRn
O
UART Data Terminal Ready (Active
Low)
K1, K3
M2, N1
G1, J2
J1, K1
UART1_RIn
I
UART Ring Indicator
K4, N4
L1, R1
H2, N1
H2, N1
UART1_RTSn
O
UART Request to Send (active low)
B12, J2
B14, L2
F3
G1
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com