Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZCZQ1 Datasheet(PDF) 133 Page - Texas Instruments

Part # AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 129Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 130Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 131Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 132Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 133Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 134Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 135Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 136Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 218 page
background image
6.11.5.7.5 GPMC/NOR Flash Switching Characteristics - Asynchronous Mode 100MHz
(14) (15)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
FA0
tw(be[x]nV)
Pulse duration, GPMC0_BE0n_CLE,
GPMC0_BE1n valid time
Read
N(12)
ns
Write
N(12)
ns
FA1
tw(csnV)
Pulse duration, GPMC0_CSn[x](13) low
Read
A(1)
ns
Write
A(1)
ns
FA3
td(csnV-advnIV)
Delay time, GPMC0_CSn[x](13) valid to
GPMC0_ADVn_ALE invalid
Read
B(2) – 2
B(2) + 2
ns
Write
B(2) – 2
B(2) + 2
ns
FA4
td(csnV-oenIV)
Delay time, GPMC0_CSn[x](13) valid to
GPMC0_OEn_REn invalid (Single read)
C(3) – 2
C(3) + 2
ns
FA9
td(aV-csnV)
Delay time, GPMC0_A[27:1] valid to
GPMC0_CSn[x](13) valid
J(9) – 2
J(9) + 2
ns
FA10
td(be[x]nV-csnV)
Delay time, GPMC0_BE0n_CLE,
GPMC0_BE1n valid to GPMC0_CSn[x](13)
valid
J(9) – 2
J(9) + 2
ns
FA12
td(csnV-advnV)
Delay time, GPMC0_CSn[x](13) valid to
GPMC0_ADVn_ALE valid
K(10) – 2
K(10) + 2
ns
FA13
td(csnV-oenV)
Delay time, GPMC0_CSn[x](13) valid to
GPMC0_OEn_REn valid
L(11) – 2
L(11) + 2
ns
FA16
tw(alV)
Pulse duration GPMC0_A[26:1] invalid
between two successive read and write
accesses
G(7)
ns
FA18
td(csnV-oenIV)
Delay time, GPMC0_CSn[x](13) valid to
GPMC0_OEn_REn invalid (Burst read)
I(8) – 2
I(8) + 2
ns
FA20
tw(av)
Pulse duration, GPMC0_A[27:1] valid - 2nd,
3rd, and 4th accesses
D(4)
ns
FA25
td(csnV-wenIV)
Delay time, GPMC0_CSn[x](13) valid to
GPMC0_WEn valid
E(5) – 2
E(5) + 2
ns
FA27
td(csnV-wenIV)
Delay time, GPMC0_CSn[x](13) valid to
GPMC0_WEn invalid
F(6) – 2
F(6) + 2
ns
FA28
td(wenV-dV)
Delay time, GPMC0_WEn valid to
GPMC0_AD[31:0] valid
2
ns
FA29
td(dV-csnV)
Delay time, GPMC0_AD[31:0] valid to
GPMC0_CSn[x](13) valid
J(9) – 2
J(10) + 2
ns
FA37
td(oenV-aIV)
Delay time, GPMC0_OEn_REn valid to
GPMC0_AD[31:0] phase end
2
ns
(1)
For single read: A = (CSRdOffTime - CSOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
For single write: A = (CSWrOffTime - CSOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
For burst read: A = (CSRdOffTime - CSOnTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
For burst write: A = (CSWrOffTime - CSOnTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
with n being the page burst access number
(2)
For reading: B = ((ADVRdOffTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (ADVExtraDelay - CSExtraDelay)) ×
GPMC_FCLK(14)
For writing: B = ((ADVWrOffTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (ADVExtraDelay - CSExtraDelay)) ×
GPMC_FCLK(14)
(3)
C = ((OEOffTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (OEExtraDelay - CSExtraDelay)) × GPMC_FCLK(14)
(4)
D = PageBurstAccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(14)
(5)
E = ((WEOnTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (WEExtraDelay - CSExtraDelay)) × GPMC_FCLK(14)
(6)
F = ((WEOffTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (WEExtraDelay - CSExtraDelay)) × GPMC_FCLK(14)
(7)
G = Cycle2CycleDelay × GPMC_FCLK(14)
(8)
I = ((OEOffTime + (n - 1) × PageBurstAccessTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (OEExtraDelay - CSExtraDelay))
× GPMC_FCLK(14)
(9)
J = (CSOnTime × (TimeParaGranularity + 1) + 0.5 × CSExtraDelay) × GPMC_FCLK(14)
(10) K = ((ADVOnTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (ADVExtraDelay - CSExtraDelay)) × GPMC_FCLK(14)
(11) L = ((OEOnTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (OEExtraDelay - CSExtraDelay)) × GPMC_FCLK(14)
(12) For single read: N = RdCycleTime × (TimeParaGranularity + 1) × GPMC_FCLK((14)
For single write: N = WrCycleTime × (TimeParaGranularity + 1) × GPMC_FCLK(14)
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
133
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com