Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3119X035X Datasheet(PDF) 20 Page - Nisshinbo Micro Devices Inc.

Part # R3119X035X
Description  36 V Input Voltage Detector with Delay Function for Industrial Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3119X035X Datasheet(HTML) 20 Page - Nisshinbo Micro Devices Inc.

Back Button R3119X035X Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
R3119x-Y
NO.EA-378-160613
20
PACKAGE DIMENSIONS (SOT-23-5)
2.9±0.2
1.9±0.2
(0.95)
(0.95)
5
4
1
2
3
0.4±0.1
0.8±0.1
1.1±0.1
0~0.1
0.15-0.05
+0.1
Unit : mm
MARK SPECIFICATION (SOT-23-5)

: Product Code ・・・
Refer to MARK SPECIFICATION TABLE

: Lot No.
・・・
Alphanumeric Serial Number
5
4

1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com