Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3119X035X Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # R3119X035X
Description  36 V Input Voltage Detector with Delay Function for Industrial Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3119X035X Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button R3119X035X Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
R3119x-Y
NO.EA-378-160613
21
MARK SPECIFICATION TABLE (SOT-23-5)
R3119NxxxA
Product Name

Set Voltage
Product Name

Set Voltage
R3119N023A
V 0 A
2.3 V
R3119N080A
X 0 M
8.0 V
R3119N024A
V 0 B
2.4 V
R3119N081A
X 0 N
8.1 V
R3119N025A
V 0 C
2.5 V
R3119N082A
X 0 P
8.2 V
R3119N026A
V 0 D
2.6 V
R3119N083A
X 0 R
8.3 V
R3119N027A
V 0 E
2.7 V
R3119N084A
X 0 S
8.4 V
R3119N028A
V 0 F
2.8 V
R3119N085A
X 0 T
8.5 V
R3119N029A
V 0 G
2.9 V
R3119N086A
X 0 U
8.6 V
R3119N087A
X 0 V
8.7 V
R3119N030A
V 0 H
3.0 V
R3119N088A
X 0 W
8.8 V
R3119N031A
V 0 J
3.1 V
R3119N089A
X 0 X
8.9 V
R3119N032A
V 0 K
3.2 V
R3119N033A
V 0 L
3.3 V
R3119N090A
X 0 Y
9.0 V
R3119N034A
V 0 M
3.4 V
R3119N091A
X 0 Z
9.1 V
R3119N035A
V 0 N
3.5 V
R3119N092A
Y 0 A
9.2 V
R3119N036A
V 0 P
3.6 V
R3119N093A
Y 0 B
9.3 V
R3119N037A
V 0 R
3.7 V
R3119N094A
Y 0 C
9.4 V
R3119N038A
V 0 S
3.8 V
R3119N095A
Y 0 D
9.5 V
R3119N039A
V 0 T
3.9 V
R3119N096A
Y 0 E
9.6 V
R3119N097A
Y 0 F
9.7 V
R3119N040A
V 0 U
4.0 V
R3119N098A
Y 0 G
9.8 V
R3119N041A
V 0 V
4.1 V
R3119N099A
Y 0 H
9.9 V
R3119N042A
V 0 W
4.2 V
R3119N043A
V 0 X
4.3 V
R3119N100A
Y 0 J
10.0 V
R3119N044A
V 0 Y
4.4 V
R3119N101A
Y 0 K
10.1 V
R3119N045A
V 0 Z
4.5 V
R3119N102A
Y 0 L
10.2 V
R3119N046A
W 0 A
4.6 V
R3119N103A
Y 0 M
10.3 V
R3119N047A
W 0 B
4.7 V
R3119N104A
Y 0 N
10.4 V
R3119N048A
W 0 C
4.8 V
R3119N105A
Y 0 P
10.5 V
R3119N049A
W 0 D
4.9 V
R3119N106A
Y 0 R
10.6 V
R3119N107A
Y 0 S
10.7 V
R3119N050A
W 0 E
5.0 V
R3119N108A
Y 0 T
10.8 V
R3119N051A
W 0 F
5.1 V
R3119N109A
Y 0 U
10.9 V
R3119N052A
W 0 G
5.2 V
R3119N053A
W 0 H
5.3 V
R3119N110A
Y 0 V
11.0 V
R3119N054A
W 0 J
5.4 V
R3119N111A
Y 0 W
11.1 V
R3119N055A
W 0 K
5.5 V
R3119N112A
Y 0 X
11.2 V
R3119N056A
W 0 L
5.6 V
R3119N113A
Y 0 Y
11.3 V
R3119N057A
W 0 M
5.7 V
R3119N114A
Y 0 Z
11.4 V
R3119N058A
W 0 N
5.8 V
R3119N115A
Z 0 A
11.5 V
R3119N059A
W 0 P
5.9 V
R3119N116A
Z 0 B
11.6 V
R3119N117A
Z 0 C
11.7 V
R3119N060A
W 0 R
6.0 V
R3119N118A
Z 0 D
11.8 V
R3119N061A
W 0 S
6.1 V
R3119N119A
Z 0 E
11.9 V
R3119N062A
W 0 T
6.2 V
R3119N063A
W 0 U
6.3 V
R3119N120A
Z 0 F
12.0 V
R3119N064A
W 0 V
6.4 V
R3119N065A
W 0 W
6.5 V
R3119N066A
W 0 X
6.6 V
R3119N067A
W 0 Y
6.7 V
R3119N068A
W 0 Z
6.8 V
R3119N069A
X 0 A
6.9 V
R3119N070A
X 0 B
7.0 V
R3119N071A
X 0 C
7.1 V
R3119N072A
X 0 D
7.2 V
R3119N073A
X 0 E
7.3 V
R3119N074A
X 0 F
7.4 V
R3119N075A
X 0 G
7.5 V
R3119N076A
X 0 H
7.6 V
R3119N077A
X 0 J
7.7 V
R3119N078A
X 0 K
7.8 V
R3119N079A
X 0 L
7.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com