Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3119X035X Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # R3119X035X
Description  36 V Input Voltage Detector with Delay Function for Industrial Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3119X035X Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  R3119X035X Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3119X035X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
R3119x-Y
NO.EA-378-160613
3
PIN CONFIGURATIONS
•DFN(PL)1820-6
• SOT-23-5
Top View
6
5
4
1
2
3
Bottom View
4
5
6
3
2
1
∗
1
1
4
5
2
3
(mark side)
DFN(PL)1820-6
Pin No.
Symbol
Description
1
GND
Ground Pin
2
NC
No Connection
3
VDD
Input Pin
4
CD
Connecting pin with external capacitor for setting delay time (R3119KxxxA)
SENSE
Voltage Detector Voltage Sense Pin (R3119KxxxE)
5
NC
No Connection
6
DOUT
Output Pin ("L" at detection)
*1 Tab is GND level. (They are connected to the reverse side of this IC.) The tab is better to be connected to
the GND, but leaving it open is also acceptable.
SOT-23-5
Pin No.
Symbol
Description
1
VDD
Input Pin
2
GND*1
Ground Pin
3
GND*1
Ground Pin
4
DOUT
Output Pin ("L" active at detection)
5
CD
Release Output Delay Set Pin (R3119NxxxA)
SENSE
VD Voltage SENSE Pin (R3119NxxxE)
*1 No.2 and No.3 pins must be wired to the GND plane when mounted on board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com