Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC21 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC21
Description  DUAL 4-INPUT AND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC21 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC21 Datasheet HTML 1Page - STMicroelectronics M74HC21 Datasheet HTML 2Page - STMicroelectronics M74HC21 Datasheet HTML 3Page - STMicroelectronics M74HC21 Datasheet HTML 4Page - STMicroelectronics M74HC21 Datasheet HTML 5Page - STMicroelectronics M74HC21 Datasheet HTML 6Page - STMicroelectronics M74HC21 Datasheet HTML 7Page - STMicroelectronics M74HC21 Datasheet HTML 8Page - STMicroelectronics M74HC21 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HC21
M74HC21
December 1992
DUAL 4-INPUT AND GATE
B1R
(Plastic Package)
ORDER CODES :
M54HC21F1R
M74HC21M1R
M74HC21B1R
M74HC21C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 10 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL = 28% VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS21
The M54/74HC21 is a high speed CMOS DUAL 4-
INPUT AND GATE fabricated in silicon gate C
2MOS
technology. It has the same high speed perform-
ance of LSTTL combined with true CMOS low power
consumption.
The internal circuits is composed of 3 stages includ-
ing buffered output, which gives high noise immunity
and a stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
DESCRIPTION
1/9


Similar Part No. - M74HC21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC21 STMICROELECTRONICS-M74HC21 Datasheet
193Kb / 8P
DUAL 4-INPUT AND GATE
Aug-2001
M74HC21B1 STMICROELECTRONICS-M74HC21B1 Datasheet
193Kb / 8P
DUAL 4-INPUT AND GATE
Aug-2001
M74HC21B1R STMICROELECTRONICS-M74HC21B1R Datasheet
193Kb / 8P
DUAL 4-INPUT AND GATE
Aug-2001
M74HC21M1R STMICROELECTRONICS-M74HC21M1R Datasheet
193Kb / 8P
DUAL 4-INPUT AND GATE
Aug-2001
M74HC21RM13TR STMICROELECTRONICS-M74HC21RM13TR Datasheet
193Kb / 8P
DUAL 4-INPUT AND GATE
Aug-2001
More results

Similar Description - M74HC21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4082B PHILIPS-HEF4082B Datasheet
26Kb / 3P
Dual 4-input AND gate
January 1995
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
DUAL 4-INPUT AND GATE
logo
Integral Corp.
IN74HC21A INTEGRAL-IN74HC21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
IN74ACT21 INTEGRAL-IN74ACT21 Datasheet
133Kb / 4P
DUAL 4-INPUT AND GATE
IN74HCT21A INTEGRAL-IN74HCT21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74HC21A KODENSHI-KK74HC21A Datasheet
251Kb / 5P
Dual 4-Input AND Gate
KK74HCT21A KODENSHI-KK74HCT21A Datasheet
249Kb / 5P
Dual 4-Input AND Gate
logo
IK Semicon Co., Ltd
IN74HC21A IKSEMICON-IN74HC21A Datasheet
236Kb / 5P
Dual 4-Input AND Gate
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F_08 Datasheet
210Kb / 9P
Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B-Q100 NEXPERIA-HEF4082B-Q100 Datasheet
717Kb / 11P
Dual 4-input AND gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com