Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC238F1R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC238F1R
Description  3 TO 8 LINE DECODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC238F1R Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC238F1R Datasheet HTML 1Page - STMicroelectronics M54HC238F1R Datasheet HTML 2Page - STMicroelectronics M54HC238F1R Datasheet HTML 3Page - STMicroelectronics M54HC238F1R Datasheet HTML 4Page - STMicroelectronics M54HC238F1R Datasheet HTML 5Page - STMicroelectronics M54HC238F1R Datasheet HTML 6Page - STMicroelectronics M54HC238F1R Datasheet HTML 7Page - STMicroelectronics M54HC238F1R Datasheet HTML 8Page - STMicroelectronics M54HC238F1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M54HC238
M74HC238
October 1993
3 TO 8 LINE DECODER
B1R
(Plastic Package)
ORDER CODES :
M54HC238F1R
M74HC238M1R
M74HC238B1R
M74HC238C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 14 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS238
The M54/74HC238 is a high speed CMOS 3 to 8 line
decoder fabricated in silicon gate C
2MOS technology.
It has the same high speed performance of LSTTL
combined with true CMOS low power consumption. If
the device is enabled, 3 binary select inputs (A, B and
C) determine which one of outputs will go high. Enable
input G1 is held ”Low” or either G2A or G2B is held
”High” decoding function is inhibited and all the 8 out-
puts go low. Three enable inputs are provided to ease
cascade connection and application of this address
decoder in memory systems.
All inputs are equipped with protection circuits against
static discharge and transient excess voltage.
1/10


Similar Part No. - M54HC238F1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC238 STMICROELECTRONICS-M54HC238 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC238D STMICROELECTRONICS-M54HC238D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC238K STMICROELECTRONICS-M54HC238K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC238F1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
3 TO 8 LINE DECODER
Jun-1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
3 TO 8 LINE DECODER
Mar-2000
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
3-to-8 Line Decoder
logo
Toshiba Semiconductor
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
3-to-8 Line Decoder
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
3-to-8 Line Decoder
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
3-to-8 Line Decoder
2016-08-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com