Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC158 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HC158
Description  HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC158 Datasheet(HTML) 1 Page - STMicroelectronics

  HC158 Datasheet HTML 1Page - STMicroelectronics HC158 Datasheet HTML 2Page - STMicroelectronics HC158 Datasheet HTML 3Page - STMicroelectronics HC158 Datasheet HTML 4Page - STMicroelectronics HC158 Datasheet HTML 5Page - STMicroelectronics HC158 Datasheet HTML 6Page - STMicroelectronics HC158 Datasheet HTML 7Page - STMicroelectronics HC158 Datasheet HTML 8Page - STMicroelectronics HC158 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HC157/158
M74HC157/158
February 1993
HC158 QUAD 2 CHANNEL MULTIPLEXER (INV.)
HC157 QUAD 2 CHANNEL MULTIPLEXER
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
HC158
HC157
DESCRIPTION
.
HIGH SPEED
tPD = 10 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS157/158
The M54/74HC157 and the M54/74HC158 are high
speed
CMOS
QUAD
2-CHANNEL
MULTI-
PLEXER’s fabricated with silicon gate C
2MOS tech-
nology. They achieve the high speed operation
similar to equivalent LSTTL while maintaining the
CMOS low power dissipation.
These devices consist of four 2-input digital multi-
plexers with common select and strobe inputs. The
HC158 is an inverting multiplexer while the HC157
is a non-inverting multiplexer. When the STROBE
input is held High, selection of data is inhibited and
all the outputs become Low in the M74HC157 and
High in the M74HC158. The SELECT decoding
determines whether the A or B inputs get routed to
their corresponding Y outputs. All inputs are
equipped with protection circuits against static dis-
charge and transient excess voltage.
1/11


Similar Part No. - HC158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HC158 STMICROELECTRONICS-HC158 Datasheet
65Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
Jun-1999
logo
List of Unclassifed Man...
HC158 ETC-HC158 Datasheet
52Kb / 1P
8 PIN DIP HCMOS WITH TRI - STATE
More results

Similar Description - HC158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74AC158 STMICROELECTRONICS-74AC158 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER INV.
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT158 STMICROELECTRONICS-74ACT158 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER INV.
May-1997
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HCT157 STMICROELECTRONICS-M74HCT157 Datasheet
250Kb / 11P
HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
Apr-1993
74ACT158 STMICROELECTRONICS-74ACT158_01 Datasheet
227Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER (INV.)
Apr-2001
M74HCT158 STMICROELECTRONICS-M74HCT158 Datasheet
211Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER (INV.)
Sep-2001
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
30-Apr-2004
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com