Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LRI64
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LRI64 Datasheet HTML 6Page - STMicroelectronics LRI64 Datasheet HTML 7Page - STMicroelectronics LRI64 Datasheet HTML 8Page - STMicroelectronics LRI64 Datasheet HTML 9Page - STMicroelectronics LRI64 Datasheet HTML 10Page - STMicroelectronics LRI64 Datasheet HTML 11Page - STMicroelectronics LRI64 Datasheet HTML 12Page - STMicroelectronics LRI64 Datasheet HTML 13Page - STMicroelectronics LRI64 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Power transfer
LRI64
10/52
4
Power transfer
Power transfer to the LRI64 is accomplished by inductive coupling of the 13.56 MHz radio
signal between the antennas of the LRI64 and VCD. The RF field transmitted by the VCD
induces an AC voltage on the LRI64 antenna, which is then rectified, smoothed and voltage-
regulated. Any amplitude modulation present on the signal is demodulated by the amplitude
shift keying (ASK) demodulator.
4.1
Frequency
ISO 15693 and ISO 18000-3 Mode 1 standards define the carrier frequency (fC) of the
operating field to be 13.56 MHz±7kHz.
4.2
Operating field
The LRI64 operates continuously between Hmin and Hmax.
The minimum operating field is Hmin and has a value of 150mA/m (rms).
The maximum operating field is Hmax and has a value of 5A/m (rms).
A VCD generates a field of at least Hmin and not exceeding Hmax in the operating volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com