Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LRI64
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LRI64 Datasheet HTML 8Page - STMicroelectronics LRI64 Datasheet HTML 9Page - STMicroelectronics LRI64 Datasheet HTML 10Page - STMicroelectronics LRI64 Datasheet HTML 11Page - STMicroelectronics LRI64 Datasheet HTML 12Page - STMicroelectronics LRI64 Datasheet HTML 13Page - STMicroelectronics LRI64 Datasheet HTML 14Page - STMicroelectronics LRI64 Datasheet HTML 15Page - STMicroelectronics LRI64 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Data rate and data coding
LRI64
12/52
6
Data rate and data coding
The data coding method involves pulse position modulation. The LRI64 supports the “1-out-
of-4” pulse coding mode. Any request that the VCD might send in the “1-out-of-256” pulse
coded mode, is ignored, and the LRI64 remains in its current state.
Two bit values are encoded at a time, by the positioning of a pause of the carrier frequency
in one of four possible 18.88 µs (256/fC) time slots, as shown in Figure 6.
Four successive pairs of bits form a byte. The transmission of one byte takes 302.08 µs and,
consequently, the data rate is 26.48 Kbit/s (fC/512).
The encoding for the least significant pair of bits is transmitted first. For example Figure 5
shows the transmission of E1h (225d, 1110 0001b) by the VCD.
Figure 6.
“1-out-of-4” coding mode
AI06658
9.44 µs
9.44 µs
75.52 µs
28.32 µs
9.44 µs
75.52 µs
47.20µs
9.44 µs
75.52 µs
66.08 µs
9.44 µs
75.52 µs
Pulse position for "00"
Pulse position for "11"
Pulse position for "10" (0=LSB)
Pulse position for "01" (1=LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com