Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64 Datasheet(PDF) 50 Page - STMicroelectronics

Part # LRI64
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LRI64 Datasheet HTML 44Page - STMicroelectronics LRI64 Datasheet HTML 45Page - STMicroelectronics LRI64 Datasheet HTML 46Page - STMicroelectronics LRI64 Datasheet HTML 47Page - STMicroelectronics LRI64 Datasheet HTML 48Page - STMicroelectronics LRI64 Datasheet HTML 49Page - STMicroelectronics LRI64 Datasheet HTML 50Page - STMicroelectronics LRI64 Datasheet HTML 51Page - STMicroelectronics LRI64 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
Application family identifier (AFI) coding
LRI64
50/52
Appendix C
Application family identifier (AFI) coding
AFI (application family identifier) represents the type of application targeted by the VCD and
is used to extract from all the LRI64 present only the LRI64 meeting the required application
criteria.
It is programmed by the LRI64 issuer (the purchaser of the LRI64). Once locked, it can not
be modified.
The most significant nibble of AFI is used to code one specific or all application families, as
defined in Table 21.
The least significant nibble of AFI is used to code one specific or all application subfamilies.
Subfamily codes different from 0 are proprietary.
Table 21.
AFI coding(1)
1.
x and y each represent any single-digit hexadecimal value between 1 and F
AFI
most
significant
nibble
AFI
least
significant
nibble
Meaning
LRI64 Devices respond from
Examples / Note
0
0
All families and subfamilies
No applicative preselection
x
0
All subfamilies of family X
Wide applicative preselection
x
y
Only the Yth subfamily of family X
0
y
Proprietary subfamily Y only
1
0, y
Transport
Mass transit, bus, airline, etc.
2
0, y
Financial
IEP, banking, retail, etc.
3
0, y
Identification
Access Control, etc.
4
0, y
Telecommunication
Public telephony, GSM, etc.
5
0, y
Medical
6
0, y
Multimedia
Internet services, etc.
70, y
Gaming
8
0, y
Data storage
Portable Files, etc.
9
0, y
Item management
A
0, y
Express parcels
B
0, y
Postal services
C
0, y
Airline bags
D0, y
RFU
E0, y
RFU
F0, y
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com