Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 14 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 10Page - STMicroelectronics LRI64-MBTG Datasheet HTML 11Page - STMicroelectronics LRI64-MBTG Datasheet HTML 12Page - STMicroelectronics LRI64-MBTG Datasheet HTML 13Page - STMicroelectronics LRI64-MBTG Datasheet HTML 14Page - STMicroelectronics LRI64-MBTG Datasheet HTML 15Page - STMicroelectronics LRI64-MBTG Datasheet HTML 16Page - STMicroelectronics LRI64-MBTG Datasheet HTML 17Page - STMicroelectronics LRI64-MBTG Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Communications signal from LRI64 to VCD
LRI64
14/52
8
Communications signal from LRI64 to VCD
ISO 15693 and ISO 18000-3 Mode 1 standards define several modes, for some parameters,
to cater for use in different application requirements and noise environments. The LRI64
does not support all of these modes, but supports the single subcarrier mode at the fast
data rate.
8.1
Load modulation
The LRI64 is capable of communication to the VCD via the inductive coupling between the
two antennas. The carrier is loaded, with a subcarrier with frequency fS, generated by
switching a load in the LRI64.
The amplitude of the variation to the signal, as received on the VCD antenna, is at least
10 mV, when measured as described in the test methods defined in International Standard
ISO 10373-7.
8.2
Subcarrier
The LRI64 supports the one subcarrier modulation response format. This format is selected
by the VCD using the first bit in the protocol header.
The frequency, fS, of the subcarrier load modulation is 423.75 kHz (=fC/32).
8.3
Data rate
The LRI64 response uses the high data rate format (26.48 Kbit/s). The selection of the data
rate is made by the VCD using the second bit in the protocol header.
8.4
Bit representation and coding using one subcarrier, at the
high data rate
Data bits are encoded using Manchester coding, as described in Figure 9 and Figure 10.
8.4.1
Logic 0
A logic 0 starts with 8 pulses of 423.75 kHz (fC/32) followed by an unmodulated period of
18.88 µs as shown in Figure 9.
Figure 9.
Logic 0, high data rate
AI06663
37.76 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com