Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 19 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 15Page - STMicroelectronics LRI64-MBTG Datasheet HTML 16Page - STMicroelectronics LRI64-MBTG Datasheet HTML 17Page - STMicroelectronics LRI64-MBTG Datasheet HTML 18Page - STMicroelectronics LRI64-MBTG Datasheet HTML 19Page - STMicroelectronics LRI64-MBTG Datasheet HTML 20Page - STMicroelectronics LRI64-MBTG Datasheet HTML 21Page - STMicroelectronics LRI64-MBTG Datasheet HTML 22Page - STMicroelectronics LRI64-MBTG Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
LRI64
LRI64 protocol description
19/52
11
LRI64 protocol description
The Transmission protocol defines the mechanism to exchange instructions and data
between the VCD and the LRI64, in each direction. Based on “VCD talks first”, the LRI64
does not start transmitting unless it has received and properly decoded an instruction sent
by the VCD.
The protocol is based on an exchange of:
●
a request from the VCD to the LRI64
●
a response from the LRI64 to the VCD
Each request and each response are contained in a frame. The frame delimiters (SOF,
EOF) are described in the previous paragraphs.
Each request (Figure 16) consists of:
●
Request SOF (Figure 7)
●
Request flags (Table 3 to Table 5)
●
Command code
●
Parameters (depending on the command)
●
Application data
●
2-byte CRC (Figure 15)
●
Request EOF (Figure 8)
Each response (Figure 17) consists of:
●
Response SOF (Figure 11)
●
Response flags (Table 6)
●
Parameters (depending on the command)
●
Application data
●
2-byte CRC (Figure 15)
●
Response EOF (Figure 12)
The number of bits transmitted in a frame is a multiple of eight, and thus always an integer
number of bytes.
Single-byte fields are transmitted least significant bit first.
Multiple-byte fields are transmitted least significant byte first, with each byte transmitted
least significant bit first.
The setting of the flags indicates the presence of any optional fields. When the flag is set, 1,
the field is present. When the flag is reset, 0, the field is absent.
Figure 16.
VCD request frame format
AI09727
Request
SOF
Request
Flags
Command
Code
Parameters
Data
2-Byte
CRC
Request
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com