Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 25 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 21Page - STMicroelectronics LRI64-MBTG Datasheet HTML 22Page - STMicroelectronics LRI64-MBTG Datasheet HTML 23Page - STMicroelectronics LRI64-MBTG Datasheet HTML 24Page - STMicroelectronics LRI64-MBTG Datasheet HTML 25Page - STMicroelectronics LRI64-MBTG Datasheet HTML 26Page - STMicroelectronics LRI64-MBTG Datasheet HTML 27Page - STMicroelectronics LRI64-MBTG Datasheet HTML 28Page - STMicroelectronics LRI64-MBTG Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
LRI64
Anti-collision
25/52
15
Anti-collision
The purpose of the anticollision sequence is to allow the VCD to compile a list of the LRI64
devices that are present in the VCD field, each one identified by its unique ID (UID).
The VCD is the master of the communication with one or multiple LRI64 devices. It initiates
the communication by issuing the Inventory request (Figure 22).
15.1
Request flags
The Nb_slots_flag needs to be set appropriately. The AFI flag needs to be set, if the
Optional AFI Field is to be present.
15.2
Mask length and mask value
The mask length defines the number of significant bits in the mask value.
The mask value is contained in an integer number of bytes.
The least significant bit of each is transmitted first.
If the mask length is not a multiple of 8 (bits), the most significant end of the mask value is
padded with the required number of null bits (set to 0) so that the mask value is contained in
an integer number of bytes, so that the next field (the 2-byte CRC) starts at the next byte
boundary.
In the example of Figure 20, the mask length is 11 bits. The mask value, 10011001111, is
padded out at the most significant end with five bits set to 0. The 11-bit mask plus the
current slot number is compared to the UID.
15.3
Inventory responses
Each LRI64 sends its response in a given time slot, or else remains silent.
The first slot starts immediately after the reception of the request EOF.
To switch to the next slot, the VCD sends another EOF.
The following rules and restrictions apply:
●
if no LRI64 answer is detected, the VCD may switch to the next slot by sending an EOF
●
if one or more LRI64 answers are detected, the VCD waits until the complete frame has
been received before sending an EOF, to switch to the next slot.
The pulse shall be generated according to the definition of the EOF in ISO 15693 and ISO
18000-3 Mode 1 standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com