Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MSS40
Description  THYRISTORMODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS40 Datasheet(HTML) 1 Page - STMicroelectronics

  MSS40 Datasheet HTML 1Page - STMicroelectronics MSS40 Datasheet HTML 2Page - STMicroelectronics MSS40 Datasheet HTML 3Page - STMicroelectronics MSS40 Datasheet HTML 4Page - STMicroelectronics MSS40 Datasheet HTML 5Page - STMicroelectronics MSS40 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MSS40
THYRISTOR MODULE
.
VDRM =VRRM UP TO 1400 V
.
IT(RMS) =55 A
.
HIGH SURGE CAPABILITY
.
INSULATED PACKAGE :
INSULATING VOLTAGE 2500 V(RMS)
April 1995
ISOTOPTM
(Plastic)
Screw version
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
Tc = 80
°C55
A
ITSM
Non repetitive surge peak on-state current
( Tj initial = 25
°C)
tp = 8.3ms
420
A
tp = 10ms
400
I2tI2t value for fusing
tp = 10ms
800
A2s
dI/dt
Critical rate of rise of on-state current
Gate supply : IG = 400mA – diG/dt = 1A/µs
100
A/
µs
Tstg
Tj
Storage temperature range
Operating junction temperature range
- 40 + 150
- 40 + 125
°C
A2
G2
A1
G1
PIN CONNECTIONS
1 : Thyristor 2 Anode (A2)
2 : Thyristor 2 Gate (G2)
3 : Thyristor 1 Anode (A1)
4 : Thyristor 1 Gate (G1)
FEATURES
DESCRIPTION
The MSS40 family are constitued of two general
purpose SCR. Suitable for AC switching and
phase control on resistive and inductive load up
to 400 Hz.
The small volume (7cm
3) and weight (29g) of the
isotop package are well adapted to new genera-
tion of medium size module market applications.
Symbol
Parameter
MSS40
Unit
-800
-1200
-1400
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
800
1200
1400
V
TM : ISOT OP is a trademark of SGS-THOMSON Microelectronics
1/6


Similar Part No. - MSS40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
BACK TO BACK SCR MODULE
Sep-2000
logo
Comset Semiconductor
MSS40 COMSET-MSS40 Datasheet
126Kb / 4P
BACK TO BACK SCR MODULE
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
119Kb / 7P
Back to back SCR module
11-Jul-2007
logo
M/A-COM Technology Solu...
MSS40-045-C15 MA-COM-MSS40-045-C15 Datasheet
702Kb / 5P
Medium Barrier Silicon Schottky Diodes
MSS40-045-P55 MA-COM-MSS40-045-P55 Datasheet
702Kb / 5P
Medium Barrier Silicon Schottky Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com