Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS40 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MSS40
Description  THYRISTORMODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS40 Datasheet(HTML) 3 Page - STMicroelectronics

  MSS40 Datasheet HTML 1Page - STMicroelectronics MSS40 Datasheet HTML 2Page - STMicroelectronics MSS40 Datasheet HTML 3Page - STMicroelectronics MSS40 Datasheet HTML 4Page - STMicroelectronics MSS40 Datasheet HTML 5Page - STMicroelectronics MSS40 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Number of cycles
Tj initial = 25 C
0
ITSM(A)
Fig. 6 : Non repetitive surge peak on-state current ver-
sus number of cycles.
I T(RMS)(A)
=180
Tcase( C)
o
o
Fig. 3 : RMS on-state current versus case temperature.
Zth(j-c) (oC/W)
tp(s)
Fig. 4: Thermal transient impedance junction to case
versus pulse duration.
Igt
Ih
Tj(oC)
Igt;Ih [Tj] / Igt; Ih [Tj=25o C]
Fig. 5 : Relative variation of gate trigger and holding
current versus junction temperature.
P(W)
Fig. 1 : Maximun RMS power dissipation versus RMS
on-state current.
(F= 50 Hz)
P(W)
Tamb( C)
Rth=O C/W
Rth=O.75 C/W
Rth=1.0 C/W
Rth=1.5 C/W
o
o
o
o
o
Fig. 2 : Correlation between maximum RMS power dis-
sipation and maximum allowable temperature (Tamb)
for different thermal resistances heatsink + contact.
MSS40
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com