Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS40 Datasheet(PDF) 5 Page - STMicroelectronics

Part # MSS40
Description  THYRISTORMODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS40 Datasheet(HTML) 5 Page - STMicroelectronics

  MSS40 Datasheet HTML 1Page - STMicroelectronics MSS40 Datasheet HTML 2Page - STMicroelectronics MSS40 Datasheet HTML 3Page - STMicroelectronics MSS40 Datasheet HTML 4Page - STMicroelectronics MSS40 Datasheet HTML 5Page - STMicroelectronics MSS40 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGE MECHANICAL DATA
ISOTOP plastic : SCREW VERSION
K
L
G
M
O
OJ
/
OI
/
OI
/
H
B
A
D
EF
screw H M4
C
P
Cooling method : C
Marking : Type number
Weight : 28 g. (without screws)
Electrical isolation : 2500V(RMS)
Capacitance : < 45 pF
Inductance : < 5 nH
- Recommended torque value : 1.3 N.m (Max 1.5 N.m) for the 6 x M4 screws. (2 x M4 screws recommended for
mounting the package on the heatsink and the 4 screws given with the screw version).
- The screws supplied with the package are adapted for mounting on a board (or others types of terminals) with a
thickness of 0.6 mm min and 2.2 mm max.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
11.80
12.20
0.465
0.480
B
8.90
9.10
0.350
0.358
C
1.95
2.05
0.077
0.081
D
0.75
0.85
0.029
0.034
E
12.60
12.80
0.496
0.504
F
25.10
25.50
0.988
1.004
G
31.50
31.70
1.240
1.248
H
4.00
0.157
I
4.10
4.30
0.161
0.169
J
4.10
4.30
0.161
0.169
K
14.90
15.10
0.586
0.595
L
30.10
30.30
1.185
1.193
M
37.80
38.20
1.488
1.504
O
7.80
8.20
0.307
0.323
P
5.50
0.216
MSS40
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com