Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA58243SQL14 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA58243SQL14
Description  Automotive Integrated H-Bridge Driver with SPI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA58243SQL14 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIA58243SQL14 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DIA58243
Brief, Nov 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
III
 Device Comparison Table
Part Number
(LS + HS) RON
IOUT (max)
Package
DIA58243H/S
84 mΩ
12 A
QFN3*4.5-14
Function
HW (H) Variant
SPI (S) Variant
Bridge control
Pin only
Individual pin "and/or" register bit with pin
status indication (Refer register pin control)
Sleep function
Available through nSLEEP pin
External logic supply to the device
Not supported
Not supported
Clear fault command
Reset pulse on nSLEEP pin
SPI CLR_FAULT command
Slew rate
6 levels
8 levels
Overcurrent protection (OCP)
Fixed at the highest setting
3 choices for thresholds, 4 choices for filter
time
ITRIP regulation
5 levels with disable & fixed tOFF time
7 levels with disable & indication, with
programmable tOFF time
Individual fault reaction configuration
between retry or latched behavior
Not supported, either all latched or all
retry
Supported
Detailed fault logging and device status
feedback
Not supported, nFAULT pin monitoring
necessary
Supported, nFAULT pin monitoring optional
VM overvoltage
Fixed
4 threshold choices
On-state (active) diagnostics
Not supported
Supported for high-side loads
Spread spectrum clocking (SSC)
Not supported
Supported
Additional driver states in PWM mode
Not supported
Supported
Hi-Z for individual half-bridge in
Independent mode
Not supported
Supported (SPI register only)
If you encounter any issue in the process of using the device, please contact our customer
service at marketing@dioo.com or phone us at (+86)-21-62116882. If you have any
improvement suggestions regarding the datasheet, we encourage you to contact our technical
writing team at docs@dioo.com. Your feedback is invaluable for us to provide a better user
experience.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com