Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA58243SQL14 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA58243SQL14
Description  Automotive Integrated H-Bridge Driver with SPI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA58243SQL14 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIA58243SQL14 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIA58243
Brief, Nov 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
Automotive Integrated H-Bridge Driver with SPI
Features
AEC-Q100 qualified
−
Device ambient temperature:
-40°C ≤ TA ≤ 125°C
−
Device junction temperature:
-40°C ≤ TJ ≤ 150°C
4.5 V to 35 V (40 V abs. max) operating range
Maximum output current : 12 A
RDS(ON): 84 mΩ (typ) per half bridge
Supports 3.3 V, 5 V logic inputs
PWM operation up to 25 kHz
Very low sleep current, 5.8 μA (max) at 125°C
Optimized EMI performance
−
Spread spectrum clocking (SPI only)
−
Configurable slew rate
Integrated shunt-less current sense
Configurable current regulation
Complete protection and diagnostic with
configurable fault reaction (latched or retry)
−
Overcurrent protection
−
Overtemperature protection
−
Off-state short & open diagnostics
−
On-state short & open diagnostics (SPI
only)
−
VM overvoltage detection
−
VM undervoltage detection
−
Configurable dead time
Configurable as H-Bridge or two independent
half bridges
−
Single H-Bridge using PWM or PH/EN
mode
−
Two half-bridges using Independent mode
Supports both SPI and HW options
Package Information
Applications
Automotive brushed DC motors and solenoids
Zone control unit (ZCU)
Hidden door handles
Side mirror modules
Electric spoiler adjustment
Door lock, child lock, tail gate lock
E-Shifter
Description
The DIA58243 is a full bridge motor driver intended
for a wide range of automotive applications. The
H-bridge consists of four N-channel power
MOSFETs and a charge pump regulator which
improves efficiency by supporting N-channel
MOSFETs with 100% duty cycle driving.
An internal current mirror architecture on the IPROPI
pin implements current sensing and regulation. This
eliminates the need for a low-ohm shunt resistor,
saving board area and reducing system cost.
The DIA58243 integrates complete diagnostics and
protections, including the monitoring of the supply
voltage, overtemperature shutdown, overcurrent
protection and load diagnostics in both the off-state
and on-state to detect open load, and short circuit.
Fault conditions are indicated on the nFAULT pin.
The SPI interface allows more flexible device
configuration and fault observability.
Simplified Schematic
Part Number
Package
Body Size
DIA58243
QFN3*4.5-14 3.0 mm × 4.5 mm


Similar Part No. - DIA58243SQL14

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIA58104 DIOO-DIA58104 Datasheet
597Kb / 7P
Automotive Multi-Channel MOSFET Driver
Aug 2025
DIA58104AQN48 DIOO-DIA58104AQN48 Datasheet
597Kb / 7P
Automotive Multi-Channel MOSFET Driver
Aug 2025
DIA58104QN48 DIOO-DIA58104QN48 Datasheet
597Kb / 7P
Automotive Multi-Channel MOSFET Driver
Aug 2025
DIA58108 DIOO-DIA58108 Datasheet
640Kb / 8P
Automotive Multi-Channel MOSFET Driver
Jul 2025
DIA58108AQN48 DIOO-DIA58108AQN48 Datasheet
640Kb / 8P
Automotive Multi-Channel MOSFET Driver
Jul 2025
More results

Similar Description - DIA58243SQL14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Rev. 1
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
Automotive fully integrated H-bridge motor driver
15-Nov-2007
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
Automotive fully integrated H-bridge motor driver
02-Oct-2008
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
Automotive fully integrated H-bridge motor driver
07-Oct-2015
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
Automotive fully integrated H-bridge motor driver
14-Mar-2019
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
Automotive fully integrated H-bridge motor driver
02-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com