Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA58243SQL14 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA58243SQL14
Description  Automotive Integrated H-Bridge Driver with SPI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA58243SQL14 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIA58243SQL14 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA58243SQL14 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DIA58243
Brief, Nov 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
1
1. Pin Assignment and Functions
DIA58243H
Figure 1. QFN3*4.5-14 (Top view)
Pin No.
Pin Name Type(1)
Description
1
nFAULT
OD
Fault indication to the controller.
2
IPROPI
I/O
Driver load current analog feedback.
3
nSLEEP
I
Controller input pin for SLEEP.
4
VM
P
Power supply. This pin is the motor supply voltage. Bypass this pin to GND
with a 0.1 µF ceramic capacitor and a bulk capacitor.
5
OUT2
P
Half-bridge output 2. Connect this pin to the motor or load.
6
GND
G
Ground pin
7
OUT1
P
Half-bridge output 1. Connect this pin to the motor or load.
8
DRVOFF
I
Controller input pin for bridge Hi-Z.
9
EN/IN1
I
Controller input pin for bridge operation.
10
PH/IN2
I
Controller input pin for bridge operation.
11
DIAG
I
Device configuration pin for load type indication and fault reaction
configuration.
12
SR
I
Device configuration pin for slew rate control.
13
ITRIP
I
Device configuration pin for ITRIP level for high-side current limiting.
14
MODE
I
Device configuration pin for MODE.
Note:
(1) I = input, O = output, I/O = input/output, G = ground, P = power, OD = open-drain output, PP = push-pull output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com