Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPG2 Datasheet(PDF) 128 Page - ABB

Part # OPG2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPG2 Datasheet(HTML) 128 Page - ABB

Back Button OPG2 Datasheet HTML 124Page - ABB OPG2 Datasheet HTML 125Page - ABB OPG2 Datasheet HTML 126Page - ABB OPG2 Datasheet HTML 127Page - ABB OPG2 Datasheet HTML 128Page - ABB OPG2 Datasheet HTML 129Page - ABB OPG2 Datasheet HTML 130Page - ABB OPG2 Datasheet HTML 131Page - ABB OPG2 Datasheet HTML 132Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 192 page
background image
H
OXP_X_
OXP12X_-45
OXP6X_-45
—
Twisted shafts for pistol handles
Twisted shafts for pistol handles. Shaft is rotated 45 degrees.
For switches
Shaft
length
Mounting
depth H
Type
Order code
Weight/
unit
mm
mm
kg
Shaft diameter 6 mm
OT160EV...250E, OT200U
130
109...174
OXP6X130-45
1SCA022355R9110
0.04
150
129...194
OXP6X150-45
1SCA022294R4400
0.05
210
189...254 OXP6X210-45
1SCA022294R4230
0.06
290
269...334 OXP6X290-45
1SCA022304R4290
0.08
Shaft diameter 12 mm
OT315...800E, OT400...600U
250
230...310
OXP12X250-45 1SCA022293R9400
0.28
280
260...340 OXP12X280-45 1SCA022382R0800
0.30
325
305...385 OXP12X325-45 1SCA022304R4450
0.36
395
445...525 OXP12X395-45 1SCA022749R0640
0.43
465
439...519
OXP12X465-45 1SCA022423R1770
0.51
535
515...595
OXP12X535-45 1SCA022723R2940
0.59
Shaft diameter 12 mm
OT1000...2500E, OT800...1200U
250
226...355 OXP12X250-45 1SCA022293R9400
0.28
280
256...385 OXP12X280-45 1SCA022382R0800
0.30
325
301...430 OXP12X325-45 1SCA022304R4450
0.36
395
371...500 OXP12X395-45 1SCA022749R0640
0.43
465
441...570 OXP12X465-45 1SCA022423R1770
0.51
535
511...640 OXP12X535-45 1SCA022723R2940
0.59
Shaft diameter 12 mm
OT3200...4000E, OT1600...200U
280
256...385 OXP12X280-45 1SCA022382R0800
0.30
325
301...430 OXP12X325-45 1SCA022304R4450
0.36
395
371...500 OXP12X395-45 1SCA022749R0640
0.43
465
441...570 OXP12X465-45 1SCA022423R1770
0.51
535
511...640 OXP12X535-45 1SCA022723R2940
0.59
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for shafts
128
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
128
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com