Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPG2 Datasheet(PDF) 129 Page - ABB

Part # OPG2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPG2 Datasheet(HTML) 129 Page - ABB

Back Button OPG2 Datasheet HTML 125Page - ABB OPG2 Datasheet HTML 126Page - ABB OPG2 Datasheet HTML 127Page - ABB OPG2 Datasheet HTML 128Page - ABB OPG2 Datasheet HTML 129Page - ABB OPG2 Datasheet HTML 130Page - ABB OPG2 Datasheet HTML 131Page - ABB OPG2 Datasheet HTML 132Page - ABB OPG2 Datasheet HTML 133Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 192 page
background image
—
Shaft alignment ring
Improves the alignment between handle and shaft.
Suitable for handle
Colour
Type
Order code
Weight/
unit
kg
For pistol handles
OH_65...275J6...12
Black
OHZX10
1SCA022661R3610
0.23
—
Extension ring for pistol handles
Improves the handle operation by increasing the distance between the operating handle and
the panel.
Suitable for handle
Colour
Type
Order code
Weight/
unit
kg
OHB_
Black
OHZX14
1SCA022851R6590
0.06
—
Shaft support for long shafts
Supporting 12 mm shafts longer than 280 mm.
Suitable for switches
Type
Order code
Weight/
unit
kg
OT1000…4000
OXT20X210X
1SCA103684R1001
1.50
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for shaft accessories
OHZX10
OXT20X210X
OHZX14
—
Overturn protection
The accessory package contains locking features that restrict operation more than 90 degree.
Suitable for shafts
Type
Order code
Weight/
unit
kg
OXP12X_
OHZX19
1SCA157090R1001
0.25
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
129
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com