Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039Q2M Datasheet(PDF) 20 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 20 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 16Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 17Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 18Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 19Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 20Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 21Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 22Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 23Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 24Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
20
GPIO Software Configuration
Each GPIO from 1 to 8 has 14 configurable modes (mode 8 & 15 are reserved). The table below shows the available
configurations. See GPIO pin descriptions for Hardware and Software mode setups.
GPIO#_CFG
Function
Input /
Output
GPIO1 GPIO2 GPIO3 GPIO4 GPIO5 GPIO6 GPIO7 GPIO8
4’d0
Analog
Shutdown
Output
Shutdown
4’d1
Output 0
Output
Output 0
4’d2
Output 1
Output
Output 1
4’d3
Clocks
Output
CLKEN_1FS
CLK_BCK
CLK_DAC
CLK_IDAC
CLKEN_1FS
CLK_BCK
CLK_DAC
CLK_IDAC
4’d4
Interrupt
Output
OR of all interrupts
4’d5
Mute
Input
Mute all channels
4’d6
System Mode
Control
Input
See System mode control section
4’d7
SRC lock
status
Output
src_locked flag
4’d8
External DEM
Output
External DEM Output
Reserved
4’d9
PWM1 signal
Output
PWM1 signal
4’d10
PWM2 signal
Output
PWM2 signal
4’d11
PWM3 signal
Output
PWM3 signal
4’d12
Minimum
volume1
Output
vol_min flag
4’d13
Automute
status2
Output
dac_automute flag
4’d14
Soft ramp
done2
Output
dac_ss_ramp flag
4’d15
-
-
Reserved
Table 10 - GPIO Configuration Function
1
Can be bitwise ANDed, ORed, or a specifical channel output; based on the values of Registers 46-47[6:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com