Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039Q2M Datasheet(PDF) 21 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 21 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 17Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 18Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 19Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 20Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 21Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 22Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 23Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 24Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 25Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
VERSION 0.2.2
21
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
ES9039Q2M Product Datasheet
GPIO Configuration Descriptions
Analog Shutdown
Output shutdown
Output 0
Outputs a constant 1’b0
Output 1
Outputs a constant 1’b1
Clocks
• GPIO1: CLKEN_1FS (1*FS pulse clock)
• GPIO2: CLK_BCK
• GPIO3: CLK_DAC (SYS_CLK)
• GPIO4: CLK_IDAC (128*FS clock)
• GPIO5: CLKEN_1FS
• GPIO6: CLK_BCK
• GPIO7: CLK_DAC
• GPIO8: CLK_IDAC
Interrupt
Bitwise OR of all masked interrupts. See Register 10-21 for interrupt descriptions.
Mute
Mute all DAC channels.
System Mode Control
Works with Registers 46-47[15]: GPIO_DAC_MODE
When any GPIOx_CFG = 4’b6 (system mode control):
• 1’b0: Disable datapath when GPIOx input is 1’b1
• 1’b1: Enable datapath when GPIOx input is 1’b1
When GPIOx input is 1’b0, system mode is determined by Register 0[1]: DAC_MODE_REG
SRC Lock Status
SRC (Sample Rate Converter) lock status output. If the device is in a synchronous mode, output will be 1’b0.
External DEM Output
The ES9039Q2M features a configuration mode that can combine multiple ES9039Q2M devices together to increase
performance. The GPIO’s can be used to transmit and receive the NSMOD data so that multiple devices work from the
same data path. One ES9039Q2M is setup as a transmitter and the others work together as receivers. The receiver devices
work in pairs with their DAC outputs combined into parallel output stages. Multiple pairs can then be combined into a single
high-performance channel.
Note: For more information please ask your Local FAE for the External DEM Mode Application Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com