Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039Q2M Datasheet(PDF) 28 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 28 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 24Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 25Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 26Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 27Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 30Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 31Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 32Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
28
Daisy Chain Multiple ES9039Q2M Devices in TDM Mode
Figure 13 - TDM Connection of Several ES9039Q2M Devices in Daisy Chain Mode
Applicable Registers (Daisy chain mode is only available in software mode)
• Register 60[7]: TDM_LJ_MODE set to 1’b1
• Register 60[6]: TDM_VALID_EDGE set to 1’b1
• Register 60[5]: TDM_DAISY_CHAIN: Enables Daisy Chain mode
o
GPIO3 will output data pass-through on DATA2 line delayed by 1 BCLK
• Register 59[4:0]: TDM_CH_NUM or using Register 57[7]: AUTO_CH_DETECT: Sets the # of TDM slots / frame
• Register 61[4:0]: TDM_DATA_LATCH_ADJ: Sets the position of the start bit within each TDM slot
o
Value corresponds to the position of the device in the chain (zero-indexed)
• Register 64-65[4:0]: PCM_CHx_SLOT_SEL: Sets the TDM slots for each device
o
Note: The first chip in the chain is required to be in the final 2 slots
Note: An application note for Daisy Chain mode and TDM in general is available from or your local ESS FAE distributor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com