Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACTSTYLEHARDSEAT Datasheet(PDF) 4 Page - NOSHOK, INC.

Part # COMPACTSTYLEHARDSEAT
Description  Compact Style Hard Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

COMPACTSTYLEHARDSEAT Datasheet(HTML) 4 Page - NOSHOK, INC.

  COMPACTSTYLEHARDSEAT Datasheet HTML 1Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT Datasheet HTML 2Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT Datasheet HTML 3Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
107
DIMENSIONS
3040
3040 SERIES
Flange-Female Coplanar™ Spacing
Top View
12
2-1/2
1.65
3/8
3.35
1.00
1/2
2X 3/8-16 UNC
MOUNTING HOLES
2X 1/4-28 UNF
MOUNTING HOLES
1
7
13
4
5
6
9
8
10
2
11
12
3
1-5/8"
2-1/8"
Flange-Female
1
2
3
4
5
6
7
8
10
9
11
12
13
14
1 Valve body
2 Slotted spring pin
3 FKM o-ring
4 PTFE back-up ring
5 Valve stem
6 Valve bonnet
7 Blue dust cap
8 Set screw
9 Valve “T” handle
10 Gasket ring
11 Bleed screw
12 Bleed plug
13 Green dust cap
14 Head bolt
Note: All dimensions are the same as the SP-99 spacing except for the top view shown below.
INSTRUMENT
PORT SPACING
COMPATIBLE
WITH
ROSEMOUNT™
COPLANAR™
PLATFORM
1.30”
(33 mm)
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com