Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACTSTYLEHARDSEAT Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # COMPACTSTYLEHARDSEAT
Description  Compact Style Hard Seat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

COMPACTSTYLEHARDSEAT Datasheet(HTML) 1 Page - NOSHOK, INC.

  COMPACTSTYLEHARDSEAT Datasheet HTML 1Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT Datasheet HTML 2Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT Datasheet HTML 3Page - NOSHOK, INC. COMPACTSTYLEHARDSEAT Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
104
3040
3040 SERIES
• Compact style manifold is designed for use with differential pressure
transmitters incorporating two isolation valves and an equalizing valve
in differential pressure measurement
• 100% helium leak tested to 1 x 10-4 ml/s for guaranteed performance
and reliability
• Blow-out proof stem provides a secondary stem seal in the full
open position
• FKM o-ring seal and PTFE back-up ring below the stem threads to protect
from corrosion and galling; PTFE or Graphite packing optional
• All stem threads are rolled for strength and ease of operation
• One-piece bonnet with a metal-to-metal seal to the valve body below
the bonnet threads
• Slotted spring pin to prevent accidental loosening
• Labeled and color coded vinyl dust caps for bonnets and stems
Compact Style Hard Seat
Manifold V alves, 3-V alve Differential Pressure
NOTE: All NOSHOK valve products conform to the MSS SP-99 instrument valves standards, and valves supplied with packing
also conform to MSS SP-132 compression packing systems for instrument valves standard.
Materials
Electropolished 316 Stainless Steel*
Connection
1/2" NPT-flange
Pressure ratings
6,000 psi @ 200 °F
Orifice size
0.125"
Flow coefficient
CV 0.30
Stem seal & type
All 316 Stainless Steel stems with FKM o-ring and
PTFE back-up ring below the threads, PTFE or
Graphite packing optional
Options
Packings, regulating stem and stem tips
o-ring materials and handles
Additional features Bleed plugs installed in static test ports
Weight
Approximately 4.4 lb.
SPECIFICATIONS
* All 316SS products meet the requirements of NACE MR0175/ISO 15156-3.
Flow Schematic
WARNING: This product can expose you to chemicals including Lead and Nickel, which are known to the State of California to cause cancer
and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472


Similar Part No. - COMPACTSTYLEHARDSEAT

ManufacturerPart #DatasheetDescription
logo
NOSHOK, INC.
COMPACTSTYLEHARDSEAT- NOSHOK-COMPACTSTYLEHARDSEAT- Datasheet
1Mb / 6P
Compact Style Hard Seat
More results

Similar Description - COMPACTSTYLEHARDSEAT

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060521 FESTO-8060521 Datasheet
97Kb / 2P
Angle seat valve
6/27/22
8060545 FESTO-8060545 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8111591 FESTO-8111591 Datasheet
94Kb / 2P
Angle seat valve
6/27/22
8111593 FESTO-8111593 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8111597 FESTO-8111597 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060551 FESTO-8060551 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
1002501 FESTO-1002501 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
1002503 FESTO-1002503 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com